Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5470 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320VC5470
Description  Fixed-Point Digital Signal Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5470 Datasheet HTML 30Page - Texas Instruments TMS320VC5470 Datasheet HTML 31Page - Texas Instruments TMS320VC5470 Datasheet HTML 32Page - Texas Instruments TMS320VC5470 Datasheet HTML 33Page - Texas Instruments TMS320VC5470 Datasheet HTML 34Page - Texas Instruments TMS320VC5470 Datasheet HTML 35Page - Texas Instruments TMS320VC5470 Datasheet HTML 36Page - Texas Instruments TMS320VC5470 Datasheet HTML 37Page - Texas Instruments TMS320VC5470 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
DSP Subsystem Functional Overview
24
December 2001 – Revised December 2002
SPRS017B
SAM is the default configuration when the DSP exits from a reset phase. SAM is normally selected whenever
the DSP is in normal operating mode or in IDLE 1. HOM is normally selected before the DSP is placed in IDLE2
or IDLE3.
3.4.4 DSP External Memory Interface
The 5470 external memory interface is largely identical to that of the 5409. Significant differences include the
lack of a MP/MC pin, and multiplexing of DSP_MSC, DSP_IAQ, DSP_IACK, and DSP_CLKOUT functions
on KBGPIO pins.
3.4.5 DSP Software-Programmable Wait-State Generator
The 5470 DSP subsystem’s software wait-state generator is compatible with the 5409. Wait-states
programmed in the SWWSR register apply to both DSP-generated and DMA-generated cycles to external
memory peripherals on the DSP’s XIO bus.
3.4.6 DSP Timer
The 5470 DSP timer is identical to that found on the 5409.
3.4.7 DSP Clocking
The DSP subsystem is capable of operating in DIV mode and PLL (normal) mode. The MCU may program
the initial DSP initial clocking mode, and DSP code may change to other clocking modes. The DSP controls
the clocking mode of operation via the settings in the CLKMD register.
The DSP subsystem’s PLL module, when operating in PLL (normal) mode, provides a multiplied version of
the REFCLK input clock as the DSP subsystem clock. The PLL can multiply by integer values between 1
and 15, by 0.5*n (for integer values of n between 1 and 15, inclusive), or by 0.25*n (for integer values of n
between 1 and 15, inclusive). To ensure that the PLL locks to the input frequency, the input clock frequency
must meet the minimum frequency as shown for each set of scaling values in Table 3–11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com