Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5470 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320VC5470
Description  Fixed-Point Digital Signal Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5470 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5470 Datasheet HTML 20Page - Texas Instruments TMS320VC5470 Datasheet HTML 21Page - Texas Instruments TMS320VC5470 Datasheet HTML 22Page - Texas Instruments TMS320VC5470 Datasheet HTML 23Page - Texas Instruments TMS320VC5470 Datasheet HTML 24Page - Texas Instruments TMS320VC5470 Datasheet HTML 25Page - Texas Instruments TMS320VC5470 Datasheet HTML 26Page - Texas Instruments TMS320VC5470 Datasheet HTML 27Page - Texas Instruments TMS320VC5470 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
DSP Subsystem Functional Overview
14
December 2001 – Revised December 2002
SPRS017B
3.2.4 API Boot-Mode DSP Memory Map
The memory map when the API boot mode feature is enabled is shown in Figure 3–3. API boot mode is
enabled when DSP_REG[9] (DSP_APIBN) is 0 and BSCR[4] (ABMDIS) is 0.
Hex
Page 0 Program,
MP/MC = 1
(Microprocessor Mode)
Hex
Page 0 Program,
MP/MC = 0
(Microcomputer Mode)
Hex
Data
0000
OVLY = 1
OVLY = 0
0000
OVLY = 1
OVLY = 0
0000
007F
Reserved
External
Program
Space
007F
Reserved
External
Program
Space
007F
Memory Mapped Registers,
Scratch-Pad RAM
0080
On-chip Data
DARAM
0080
On-chip Data
DARAM
0080
On-chip Data DARAM
(8K–0x80 Words)
1FFF
DARAM
1FFF
DARAM
1FFF
(8K–0x80 Words)
2000
External
2000
External
2000
On-chip Data DARAM,
API-Accessible
37FF
On-chip Data
DARAM,
Program
Space
37FF
On-chip Data
DARAM,
External
Program
Space
37FF
API-Accessible
(8K Words)
3800
DARAM,
API-accessible
Space
3800
DARAM,
API-accessible
g
Space
3800
(shadowed portion)
3FFF
3FFF
3FFF
(shadowed portion)
4000
On-chip Data
4000
On-chip Data
4000
On-chip Data SARAM
5FFF
On chip Data
SARAM
5FFF
On chip Data
SARAM
5FFF
On chip Data SARAM
(8K Words – data only)
6000
6000
6000
On-chip Data SARAM
7FFF
On chip Data SARAM
(8K Words)
8000
External Data Space Memory
BFFF
External Data Space Memory
C000
DROM=1
DROM=0
External Program Space
External Program Space
DFFF
On-chip
Program
SARAM
(8K Words)
External Data
Space
E000
On-chip
Program
Space
Memory
F7FF
F7FF
F7FF
Program
SARAM
(6K Words)
F800
Shadowed API DARAM (2K)
F800
Shadowed API DARAM (2K)
F800
External Data Space Memory
FFFF
Shadowed API DARAM (2K)
FFFF
Shadowed API DARAM (2K)
FFFF
External Data Space Memory
† When DSP_REG[9] (DSP_APIBN) = 0 and BSCR[4] (ABMDIS) = 0, 2K words of the API DARAM are remapped to program-space, regardless of
DSP_REG[10] (MP/MC) value. All other internal program-space RAMs are disabled in program space. Overlayable data-space RAMs may be
dual-mappedto program-space via OVLY.
Figure 3–3. API Boot Mode Memory Map for DSP Accesses (DSP_APIBN = 0 and ABMDIS = 0)†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com