Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW23N85K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW23N85K5
Description  Ultra low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW23N85K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STW23N85K5 Datasheet HTML 1Page - STMicroelectronics STW23N85K5 Datasheet HTML 2Page - STMicroelectronics STW23N85K5 Datasheet HTML 3Page - STMicroelectronics STW23N85K5 Datasheet HTML 4Page - STMicroelectronics STW23N85K5 Datasheet HTML 5Page - STMicroelectronics STW23N85K5 Datasheet HTML 6Page - STMicroelectronics STW23N85K5 Datasheet HTML 7Page - STMicroelectronics STW23N85K5 Datasheet HTML 8Page - STMicroelectronics STW23N85K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STW23N85K5
4/13
DocID023547 Rev 3
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 5: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS = 0 V, ID = 1 mA
850
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = 850 V
10
µA
VGS = 0 V, VDS = 850 V,
Tcase = 125 °C
50
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold
voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 9.5 A
0.2
0.275
Ω
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
1650
-
pF
Coss
Output capacitance
-
115
-
Crss
Reverse transfer
capacitance
-
2
-
Coss eq.
(1)
Equivalent output
capacitance
VDS = 0 to 680 V, VGS = 0 V
-
185
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz, ID = 0 A
-
3.5
-
Ω
Qg
Total gate charge
VDD = 520 V, ID = 60 A,
VGS = 10 V (see Figure 17:
"Gate charge test circuit")
-
38
-
nC
Qgs
Gate-source charge
-
11
-
Qgd
Gate-drain charge
-
20
-
Notes:
(1)
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 9.5 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 16: "Switching times
test circuit for resistive load"
and Figure 21: "Switching time
waveform")
-
22
-
ns
tr
Rise time
-
14
-
td(off)
Turn-off delay time
-
55
-
tf
Fall time
-
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com