Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405T-6FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # T405T-6FP
Description  4 A logic level Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405T-6FP Datasheet(HTML) 2 Page - STMicroelectronics

  T405T-6FP Datasheet HTML 1Page - STMicroelectronics T405T-6FP Datasheet HTML 2Page - STMicroelectronics T405T-6FP Datasheet HTML 3Page - STMicroelectronics T405T-6FP Datasheet HTML 4Page - STMicroelectronics T405T-6FP Datasheet HTML 5Page - STMicroelectronics T405T-6FP Datasheet HTML 6Page - STMicroelectronics T405T-6FP Datasheet HTML 7Page - STMicroelectronics T405T-6FP Datasheet HTML 8Page - STMicroelectronics T405T-6FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T405T-6FP
2/9
DocID029919 Rev 1
1
Characteristics
Table 2: Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 104 °C
4
A
ITSM
Non repetitive surge
peak on-state current
(full sine cycle)
tp = 16.7 ms
Tj initial = 25 °C
31
A
tp = 20 ms
30
I2t
I2t value for fusing
tp = 10 ms
Tj initial = 25 °C
5.1
A2s
dl/dt
Critical rate of rise of on-
state current
IG = 2 x IGT,
tr
≤ 100 ns
f = 120 Hz
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PGM
Maximum gate power
dissipation
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Vins
Insulation RMS voltage (60 seconds)
2000
V
Table 3: Static electrical characteristics
Symbol
Test conditions
Tj
Value
Unit
VTM
ITM = 5.5 A, tp = 380 µs
25 °C
Max.
1.56
V
VTO
threshold on-state voltage
125 °C
Max.
0.9
V
RD
Dynamic resistance
125 °C
Max.
100
mΩ
IDRM
IRRM
VD = VDRM, VR = VRRM
25 °C
Max.
5
µA
125 °C
Max.
1
mA
Table 4: Dynamic characteristics
Symbol
Parameter
Quadrant
Tj
Value
Unit
IGT(1)
VD = 12 V, RL
= 30 Ω
I - II - III
25 °C
Max.
5
mA
VGT
Max.
1.3
V
VGD
VD = VDRM, RL
= 3.3 kΩ
125 °C
Min.
0.2
V
IL
IG = 1.2 x IGT
25 °C
Max.
15
mA
IH
ITM = 100 mA
Max.
10
dV/dt(2)
VD = VR = 402 V, gate open
125 °C
Min.
20
V/µs
(dl/dt)c(2)
(dV/dt)c = 0.1 V/µs
Min.
1.8
A/ms
Notes:
(1)Minimum IGT is guaranteed at 5 % of IGT max.
(2)For both polarities of A2 referenced to A1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com