Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405T-6FP Datasheet(PDF) 5 Page - STMicroelectronics

Part # T405T-6FP
Description  4 A logic level Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405T-6FP Datasheet(HTML) 5 Page - STMicroelectronics

  T405T-6FP Datasheet HTML 1Page - STMicroelectronics T405T-6FP Datasheet HTML 2Page - STMicroelectronics T405T-6FP Datasheet HTML 3Page - STMicroelectronics T405T-6FP Datasheet HTML 4Page - STMicroelectronics T405T-6FP Datasheet HTML 5Page - STMicroelectronics T405T-6FP Datasheet HTML 6Page - STMicroelectronics T405T-6FP Datasheet HTML 7Page - STMicroelectronics T405T-6FP Datasheet HTML 8Page - STMicroelectronics T405T-6FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
T405T-6FP
Characteristics
DocID029919 Rev 1
5/9
Figure 7: Non repetitive surge peak on-state
current for a sinusoidal pulse with width tp < 10 ms
Figure 8: Relative variation of gate trigger current
and gate trigger voltage versus junction
temperature (typical values)
Figure 9: Relative variation of holding current and
latching current versus junction temperature
(typical values)
Figure 10: Relative variation of critical rate of
decrease of main current (dI/dt)c versus reapplied
(dV/dt)c
Figure 11: Relative variation of critical rate of
decrease of main current versus junction
temperature (typical values)
Figure 12: Relative variation of static dV/dt
immunity versus junction temperature
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0.01
0.10
1.00
10.00
tP(ms)
Tj initial = 25 °C
I
TSM
ITSM(A)
(dI/dt)c [ (dV/dt)c ] / specified (dI/dt)c
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
10.0
100.0
(dV/dt)c (V/µs)
0
1
2
3
4
25
50
75
100
125
Tj(°C)
(dI/dt)
C [T j ] / (dI/dt)
c [T j = 125 °C]
0
1
2
3
4
5
6
25
50
75
100
125
Tj(°C)
dV/dt [T
j ] / dV/dt [T j = 125 °C]
V
D = VR = 402 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com