Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5974D Datasheet(PDF) 31 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 27Page - STMicroelectronics A5974D Datasheet HTML 28Page - STMicroelectronics A5974D Datasheet HTML 29Page - STMicroelectronics A5974D Datasheet HTML 30Page - STMicroelectronics A5974D Datasheet HTML 31Page - STMicroelectronics A5974D Datasheet HTML 32Page - STMicroelectronics A5974D Datasheet HTML 33Page - STMicroelectronics A5974D Datasheet HTML 34Page - STMicroelectronics A5974D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DocID018774 Rev 2
31/46
A5974D
Application information
46
8.5
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value even when synchronized to an
external signal (see Section 5.4: Current protection on page 11). In these conditions, the
duty cycle is strongly reduced and, in most applications, this is enough to limit the current to
ILIM. In any event, in case of heavy short-circuit at the output (VO = 0 V) and depending on
the application conditions (VCC value and parasitic effect of external components) the
current peak could reach values higher than ILIM. This can be understood considering the
inductor current ripple during the ON and OFF phases:
ON phase
Equation 33
OFF phase
Equation 34
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
In short-circuit conditions VOUT is negligible, so during TOFF the voltage across the inductor
is very small as equal to the voltage drop across parasitic components (typically the DCR of
the inductor and the VFW of the freewheeling diode), while during TON the voltage applied
the inductor is instead maximized as approximately equal to VIN.
So the Equation 33 and the Equation 34 in overcurrent conditions can be simplified to:
Equation 35
considering TON that has been already reduced to its minimum.
Equation 36
considering that fSW has been already reduced to one third of the nominal.
In case a short-circuit at the output is applied and VIN = 12 V, the inductor current is
controlled in most of the applications (see Figure 19). When the application must sustain the
short-circuit condition for an extended period, the external components (mainly the inductor
and diode) must be selected based on this value.
In case the VIN is very high, it could occur that the ripple current during TOFF (Equation 36)
does not compensate the current increase during TON(Equation 35). The Figure 21 shows
an example of a power-up phase with VIN = VIN MAX = 36 V whereIL TON > IL TOFF, so the
current escalates and the balance between Equation 35 and Equation 36 occurs at a current
slightly higher than the current limit. This must be taken into account in particular to avoid
the risk of an abrupt inductor saturation.
IL TON
VIN Vout
DCRL RDSON
+
 I
L
------------------------------------------------------------------------------------ TON

=
IL TOFF
VD Vout DCRL I
++

L
--------------------------------------------------------------- TOFF

=
IL TON
VIN DCRL RDSON
+
 I
L
---------------------------------------------------------------- TON MIN

VIN
L
--------- 250ns

=
IL TOFF
VD Vout DCRL I
++

L
--------------------------------------------------------------- 3T
SW

VD Vout DCRL I
++

L
--------------------------------------------------------------- 12
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com