Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5974D Datasheet(PDF) 36 Page - STMicroelectronics

Part # A5974D
Description  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 32Page - STMicroelectronics A5974D Datasheet HTML 33Page - STMicroelectronics A5974D Datasheet HTML 34Page - STMicroelectronics A5974D Datasheet HTML 35Page - STMicroelectronics A5974D Datasheet HTML 36Page - STMicroelectronics A5974D Datasheet HTML 37Page - STMicroelectronics A5974D Datasheet HTML 38Page - STMicroelectronics A5974D Datasheet HTML 39Page - STMicroelectronics A5974D Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Application information
A5974D
36/46
DocID018774 Rev 2
Figure 26 shows the schematic circuit of this topology for a 12 V output voltage and
5 V input.
Figure 26. Positive buck-boost regulator
8.8
Negative buck-boost regulator
In Figure 27, the schematic circuit for a standard buck-boost topology is shown. The output
voltage is:
Equation 42
where the ideal duty cycle D for the buck-boost converter is:
Equation 43
The considerations given in Section 8.7 for the real duty cycle are still valid here.
Also the Equation 39 till Equation 41 can be used to calculate the maximum output current.
So, as an example, considering the conversion VIN = 12 V to VOUT = -5 V, ILOAD = 0.5 A:
Equation 44
Equation 45
An important thing to take into account is that the ground pin of the device is connected to
the negative output voltage. Therefore, the device is subjected to a voltage equal to
VIN - VO, which must be lower than 36 V (the maximum operating input voltage).
VOUT
VIN
–
D
1D
–
-------------
=
D
V
– OUT
VIN VOUT
–
------------------------------
=
D
5
512
+
----------------
0.706
==
ISW
ILOAD
1D
–
---------------
0.5
10.706
–
------------------------
1.7A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com