Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN18541T Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN18541T
Description  Non-Inverting Line Driver with TRI-STATE Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN18541T Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCAN18541T Datasheet HTML 1Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 2Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 3Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 4Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 5Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 6Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 7Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 8Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Description of Boundary-Scan Circuitry
The scan cells used in the BOUNDARY-SCAN register are
one of the following two types depending upon their location.
Scan cell TYPE1 is intended to solely observe system data,
while TYPE2 has the additional ability to control system
data. (See IEEE Standard 1149.1
Figure10–11 for a further
description of scan cell TYPE1 and
Figure 10–12 for a fur-
ther description of scan cell TYPE2.)
Scan cell TYPE1 is located on each system input pin while
scan cell TYPE2 is located at each system output pin as well
as at each of the two internal active-high output enable sig-
nals. AOE controls the activity of the A-outputs while BOE
controls the activity of the B-outputs. Each will activate their
respective outputs by loading a logic high.
The BYPASS register is a single bit shift register stage iden-
tical to scan cell TYPE1. It captures a fixed logic low.
The INSTRUCTION register is an 8-bit register which cap-
tures the default value of 10000001. The two least significant
bits of this captured value (01) are required by IEEE Std
1149.1. The upper six bits are unique to the SCAN18541T
device. SCAN CMOS Test Access Logic devices do not in-
clude the IEEE 1149.1 optional identification register. There-
fore, this unique captured value can be used as a “pseudo
ID” code to confirm that the correct device is placed in the
appropriate location in the boundary scan chain.
MSB→LSB
Instruction Code
Instruction
00000000
EXTEST
10000001
SAMPLE/PRELOAD
10000010
CLAMP
00000011
HIGH-Z
All Others
BYPASS
Bypass Register Scan Chain Definition
Logic 0
DS100324-9
Instruction Register Scan Chain Definition
DS100324-10
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com