Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN18541T Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN18541T
Description  Non-Inverting Line Driver with TRI-STATE Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN18541T Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCAN18541T Datasheet HTML 1Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 2Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 3Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 4Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 5Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 6Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 7Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 8Page - National Semiconductor (TI) SCAN18541T Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SCAN18541T
Non-Inverting Line Driver with TRI-STATE® Outputs
General Description
The SCAN18541T is a high speed, low-power line driver fea-
turing separate data inputs organized into dual 9-bit bytes
with byte-oriented paired output enable control signals. This
device is compliant with IEEE 1149.1 Standard Test Access
Port and Boundary Scan Architecture with the incorporation
of the defined boundary-scan test logic and test access port
consisting of Test Data Input (TDI), Test Data Out (TDO),
Test Mode Select (TMS), and Test Clock (TCK).
Features
n IEEE 1149.1 (JTAG) Compliant
n Dual output enable signals per byte
n TRI-STATE outputs for bus-oriented applications
n 9-bit data busses for parity applications
n Reduced-swing outputs source 24 mA/sink 48 mA (Mil)
n Guaranteed to drive 50
Ω transmission line to TTL input
levels of 0.8V and 2.0V
n TTL compatible inputs
n 25 mil pitch Cerpack packaging
n Includes CLAMP and HIGHZ instructions
n Standard Microcircuit Drawing (SMD) 5962-9311601
Connection Diagram
Pin Names
Pin Names
Description
AI
(0–8)
Input Pins, A Side
BI
(0–8)
Input Pins, B Side
Pin Names
Description
AOE
1,
AOE
2
TRI-STATE Output Enable Input Pins,
A Side
BOE
1,
BOE
2
TRI-STATE Output Enable Input Pins,
B Side
AO
(0–8)
Output Pins, A Side
AO
(0–8)
Output Pins, B Side
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS100324-1
September 1998
© 1998 National Semiconductor Corporation
DS100324
www.national.com


Similar Part No. - SCAN18541T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
Non-Inverting Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
SCAN18541T NSC-SCAN18541T Datasheet
34Kb / 12P
SERIALLY CONTROLLED ACCESS NETWORK NON-INVERTING LINE DRIVER WITH TRI-STATE OUTPUTS
SCAN18541TFMQB NSC-SCAN18541TFMQB Datasheet
34Kb / 12P
SERIALLY CONTROLLED ACCESS NETWORK NON-INVERTING LINE DRIVER WITH TRI-STATE OUTPUTS
logo
Fairchild Semiconductor
SCAN18541TSSC FAIRCHILD-SCAN18541TSSC Datasheet
90Kb / 11P
Non-Inverting Line Driver with 3-STATE Outputs
More results

Similar Description - SCAN18541T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
Non-Inverting Transceiver with TRI-STATE Outputs
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
Inverting Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
Non-Inverting Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
MNSCAN18541T-X NSC-MNSCAN18541T-X Datasheet
34Kb / 12P
SERIALLY CONTROLLED ACCESS NETWORK NON-INVERTING LINE DRIVER WITH TRI-STATE OUTPUTS
logo
Fairchild Semiconductor
SCAN18540T FAIRCHILD-SCAN18540T Datasheet
93Kb / 11P
Inverting Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com