Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7212 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7212
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7212 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
G52268-0, Rev 3.3
Page 1
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC7212 is an 8-bit parallel-to-serial and serial-to-parallel transceiver chip used for high bandwidth
interconnection between busses, backplanes, or other subsystems. A Fibre Channel and Gigabit Ethernet
compliant transceiver provides up to 2.18Gb/s of duplex raw data transfer. The VSC7212 can operate at a
maximum data transfer rate of 1088Mb/s (8 bits at 136MHz) or a minimum rate of 784Mb/s (8 bits at 98MHz).
The VSC7212 contains an 8B/10B encoder, serializer, de-serializer, 8B/10B decoder and elastic buffer which
provide the user with a simple interface for transferring data serially and recovering it on the receive side. The
device can also be configured to operate as a non-encoded 10-bit transceiver with redundant I/O.
VSC7212 Block Diagram
• ANSI X3T11 Compliant Fibre Channel and IEEE
802.3z Compliant Gigabit Ethernet Transceiver
• Over 2Gb/s Duplex Raw Data Rate
• Redundant PECL Tx Outputs and Rx Inputs
• 8B/10B Encoder/Decoder, Optional Encoder/
Decoder Bypass Operation
• “ASIC-FriendlyTM” Timing Options for Transmit-
ter Parallel Input Data
• Elastic Buffer for Chip-to-Chip Cable Deskewing
• Tx/Rx Rate Matching via IDLE Insertion/Deletion
• Compatible with VSC7211, VSC7214 and
VSC7216
• Received Data Aligned to Local REFCLK or to
Recovered Clock
• PECL Rx Signal Detect and Cable Equalization
• Serial Tx-to-Rx and Parallel Rx-to-Tx Internal
Loopback Modes
• Clock Multiplier Generates Baud Rate Clock
• Automatic Lock-to-Reference
• JTAG Boundary Scan Support for TTL I/O
• Built-In Self Test
• 3.3V Supply, 1.0 W
• 100-pin, 14mm TQFP package
x20/x10
Clock Gen
Tx Clock
ENDEC
RESETN
WSI
DUAL
Channel
Align
WSO
TBC
KCHAR
10
Encode
8B/10B
DQ
T(7:0)
C/D
88
PTX-
PTX+
RTX-
RTX+
WSEN
RTXEN
PTXEN
PRX-
PRX+
RRX-
RRX+
RXP/R
LBEN(1:0)
Recovery
Clk/Data
Decode
8B/10B
10
Buffer
Elastic
3
8
IDLE
ERR
R(7:0)
KCH
8
RCLKN
RCLK
REFCLKP
REFCLKN
REFCLK
TBERR
TMODE(2:0)
FLOCK
TMS
TRSTN
TDI
TCK
TDO
Boundary
JTAG
Scan
RMODE(1:0)
CAP0 CAP1
TRANSMITTER
RECEIVER
BIST
LBTX
RSDET
PSDET
REFOUT


Similar Part No. - VSC7212

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7216-02 VITESSE-VSC7216-02 Datasheet
113Kb / 2P
02 Low Power Quad 1.25Gb/s Backplane Transceiver
VSC7216UC-01 VITESSE-VSC7216UC-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7217 VITESSE-VSC7217 Datasheet
506Kb / 36P
Multi-Gigabit Interconnect Chip
VSC7217UC VITESSE-VSC7217UC Datasheet
506Kb / 36P
Multi-Gigabit Interconnect Chip
More results

Similar Description - VSC7212

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1012 HP-HDMP-1012 Datasheet
321Kb / 42P
4Low Cost Gigabit Rate Transmit/Receive Chip Set
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
Broadcom Corporation.
BCM5788 BOARDCOM-BCM5788 Datasheet
115Kb / 1P
SINGLE CHIP 32 BIT PCI GIGABIT CONTROLLER WITH PHY
logo
Vitesse Semiconductor C...
VSC7217 VITESSE-VSC7217 Datasheet
506Kb / 36P
Multi-Gigabit Interconnect Chip
VSC7216-01 VITESSE-VSC7216-01 Datasheet
547Kb / 38P
Multi-Gigabit Interconnect Chip
VSC7384 VITESSE-VSC7384 Datasheet
456Kb / 2P
12-port Gigabit Ethernet Switch-on-a-Chip
logo
List of Unclassifed Man...
IP1000ALF ETC2-IP1000ALF Datasheet
1Mb / 75P
Gigabit Ethernet NIC Single Chip
logo
XFMRS Inc.
XFGIG8B-CT1-4M XFMRS-XFGIG8B-CT1-4M Datasheet
112Kb / 2P
GIGABIT COMBO
logo
Pulse A Technitrol Comp...
J411 PULSE-J411 Datasheet
518Kb / 5P
Gigabit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com