Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6738A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6738A
Description  Embedded bootstrap diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738A Datasheet(HTML) 1 Page - STMicroelectronics

  L6738A Datasheet HTML 1Page - STMicroelectronics L6738A Datasheet HTML 2Page - STMicroelectronics L6738A Datasheet HTML 3Page - STMicroelectronics L6738A Datasheet HTML 4Page - STMicroelectronics L6738A Datasheet HTML 5Page - STMicroelectronics L6738A Datasheet HTML 6Page - STMicroelectronics L6738A Datasheet HTML 7Page - STMicroelectronics L6738A Datasheet HTML 8Page - STMicroelectronics L6738A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
January 2012
Doc ID 18134 Rev 2
1/32
32
L6738A
Single-phase PWM controller
with light-load efficiency optimization
Features
■ Flexible power supply from 5 V to 12 V bus
■ Power conversion input as low as 1.5 V
■ Light-load efficiency optimization
■ Embedded bootstrap diode
■ VIN detector
■ 0.8 V internal reference
■ 0.5% output voltage accuracy
■ Remote GND recovery
■ High-current integrated drivers
■ Sensorless and programmable precise-OC
sense across Inductor DCR
■ OV protection
■ Programmable oscillator up to 600 kHz
■ LS-less to manage pre-bias startup
■ Adjustable output voltage
■ Disable function
■ Internal soft-start
■ VFQFPN 16 3x3 mm package
Applications
■ Memory and termination supply
■ Subsystem power supply (MCH, IOCH, PCI)
■ CPU and DSP power supply
■ Distributed power supply
■ General DC-DC converter
Description
The L6738A is a single-phase step-down
controller with integrated high-current drivers that
provides complete control logic and protection to
realize a DC-DC converter.
The device flexibility allows to manage
conversions with power input VIN as low as 1.5V
and the device supply voltage ranging from 5 V to
12 V bus.
The L6738A features a proprietary algorithm that
allows Light-Load efficiency optimization,
boosting efficiency without compromising the
output voltage ripple.
The integrated 0.8 V reference allows generation
of output voltages with ±0.5% accuracy over line
and temperature variations.
The oscillator is programmable up to 600 kHz.
The L6738A provides a programmable
overcurrent protection and overvoltage protection.
The current information is monitored across the
inductor DCR.
The L6738A is available in a VFQFPN 16 3x3 mm
package.
Table 1.
Device summary
Order code
Package
Packing
L6738A
VFQFPN16
Tube
L6738ATR
VFQFPN16
Tape and reel
VFQFPN16
www.st.com


Similar Part No. - L6738A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6738 STMICROELECTRONICS-L6738 Datasheet
787Kb / 32P
Single-phase PWM controller with light-load efficiency optimization
03-Nov-2010
L6738TR STMICROELECTRONICS-L6738TR Datasheet
787Kb / 32P
Single-phase PWM controller with light-load efficiency optimization
03-Nov-2010
More results

Similar Description - L6738A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM505-044 IRF-IRSM505-044_15 Datasheet
981Kb / 15P
Integrated bootstrap functionality
logo
Advanced Power Electron...
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_16 Datasheet
68Kb / 5P
Embedded Protection Diode
logo
Rohm
BS2132F ROHM-BS2132F Datasheet
2Mb / 33P
600V High Voltage 3 Phase Bridge Driver Integrated Bootstrap Diode
logo
Infineon Technologies A...
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2182S06F INFINEON-2ED2182S06F Datasheet
2Mb / 25P
650 V half-bridge gate driver with integrated bootstrap diode
V 2.21 2020-07-07
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
IRS2807DS INFINEON-IRS2807DS Datasheet
2Mb / 26P
600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27
2ED2103S06F INFINEON-2ED2103S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com