Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6738A Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6738A
Description  Embedded bootstrap diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6738A Datasheet HTML 23Page - STMicroelectronics L6738A Datasheet HTML 24Page - STMicroelectronics L6738A Datasheet HTML 25Page - STMicroelectronics L6738A Datasheet HTML 26Page - STMicroelectronics L6738A Datasheet HTML 27Page - STMicroelectronics L6738A Datasheet HTML 28Page - STMicroelectronics L6738A Datasheet HTML 29Page - STMicroelectronics L6738A Datasheet HTML 30Page - STMicroelectronics L6738A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
L6738A
Application information
Doc ID 18134 Rev 2
27/32
10.2
Output capacitor(s)
The output capacitors are basic components to define the ripple voltage across the output
and for the fast transient response of the power supply. They depend on the output voltage
ripple requirements, as well as any output voltage deviation requirement during a load
transient.
During steady-state conditions, the output voltage ripple is influenced by both the ESR and
capacitive value of the output capacitors as follows:
where
∆IL is the inductor current ripple. In particular, the expression that defines ∆VOUT_C
takes into consideration the output capacitor charge and discharge as a consequence of the
inductor current ripple.
During a load variation, the output capacitors supply the current to the load or absorb the
current stored in the inductor until the converter reacts. In fact, even if the controller
immediately recognizes the load transient and sets the duty cycle at 80% or 0%, the current
slope is limited by the inductor value. The output voltage has a drop that, also in this case,
depends on the ESR and capacitive charge/discharge as follows:
where
∆VL is the voltage applied to the inductor during the transient response
(
for the load appliance or VOUT for the load removal).
MLCC capacitors have typically low ESR to minimize the ripple but also have low
capacitance which does not minimize the voltage deviation during dynamic load variations.
On the contrary, electrolytic capacitors have large capacitance to minimize voltage deviation
during load transients while they do not show the same ESR values as the MLCC resulting
∆V
OUT_ESR
∆I
L
ESR
⋅
=
∆V
OUT_C
∆I
L
1
8C
OUT
F
SW
⋅⋅
--------------------------------------------
⋅
=
∆V
OUT_ESR
∆I
OUT
ESR
⋅
=
∆V
OUT_C
∆I
OUT
L
∆I
OUT
⋅
2C
OUT
∆V
L
⋅⋅
-------------------------------------------
⋅
=
D
MAX
V
IN
V
OUT
–
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com