Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7212RG Datasheet(PDF) 29 Page - Vitesse Semiconductor Corporation

Part # VSC7212RG
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG Datasheet(HTML) 29 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 33Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
G52268-0, Rev 3.3
Page 29
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 16: Pin Identification
Pin
Name
I/O
Type
Pin Description
99,98,97
96,95,91
90,89
T0, T1, T2
T3, T4, T5
T6, T7
I
TTL
Transmit data, synchronous to REFCLK or TBC.
88
C/D
I
TTL
Control/Data. If KCHAR=C/D=LOW, then T(7:0) is used to generate
transmit data. If KCHAR=C/D=HIGH then special Kxx.x characters are
transmitted based upon the value of T(7:0). If KCHAR=LOW and C/D
=HIGH, IDLE characters are transmitted.
When ENDEC=LOW, this is equivalent to data bit T8.
87
WSEN
I
TTL
Word Sync ENable. Asserted HIGH for one cycle to initiate transmission of
the Word Sync Sequence as defined in Figure 5 and related text.
When ENDEC=LOW, this is equivalent to data bit T9.
92
TBC
I
TTL
Transmit Byte Clock. Optional input data timing reference for T(7:0),
WSEN and C/D.
86
KCHAR
I
TTL
Special Kxx.x CHARacter Enable. When C/D is HIGH, KCHAR controls
data sent to the transmitter. When LOW, IDLE characters are sent. When
HIGH, Kxx.x special characters are sent as encoded on T(7:0). This is
intended to be a static input and cannot be changed on a cycle-by-cycle
basis.
When ENDEC=LOW, this is equivalent to ENCDET. A HIGH enables
comma detection and alignment. A LOW disables both.
85
82
81
TMODE0
TMODE1
TMODE2
I
TTL
Transmit Input Data Timing MODE. Determines the timing reference for
T(7:0), WSEN and C/D as defined in Table 1.
73
TBERR
O
TTL
Transmit Buffer ERRor. When HIGH indicates that the elastic limit of the
transmit input skew buffer was exceeded, output timing is same as R(7:0). A
LOW indicates correct reception of the 256-byte incrementing pattern in
BIST mode.
4
5
PTX+
PTX-
OPECL
Primary Differential Serial TX Output. These pins output serialized
transmit data when PTXEN is HIGH. AC-coupling is recommended.
9
10
RTX+
RTX-
OPECL
Redundant Differential Serial TX output. These pins output serialized
transmit data when RTXEN is HIGH. AC-coupling is recommended.
2
PTXEN
I
TTL
Primary TX Output ENable. When HIGH, PTX+/- is active, when LOW
PTX+/- is powered down and the outputs are un-driven.
7
RTXEN
I
TTL
Redundant TX Output ENable. When HIGH RTX+/- is active, when LOW
RTX+/- is powered down and the outputs are un-driven.
46,48,52
53,55,56
58,60
R0, R1, R2
R3, R4, R5
R6, R7
O
TTL
Receive Data. Synchronous to RCLK/RCLKN or REFCLK as selected by
RMODE(1:0).
68
IDLE
O
TTL
IDLE Detect. When HIGH, an IDLE character has been detected by the
decoder and is on R(7:0)
When ENDEC=LOW, this is equivalent to COMDET.
65
KCH
O
TTL
Kxx.x CHaracter Detect. When HIGH, a special Kxx.x character has been
detected by the decoder and is on R(7:0).
When ENDEC=LOW, this is equivalent to data bit R8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com