Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7212RG Datasheet(PDF) 30 Page - Vitesse Semiconductor Corporation

Part # VSC7212RG
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG Datasheet(HTML) 30 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 33Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 34Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ESE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
Page 30
G52268-0, Rev 3.3
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
66
ERR
O
TTL
ERRor Detect. When HIGH, an invalid 10-bit character or disparity error
has been detected and the data on R(7:0) is invalid.
When ENDEC=LOW, this is equivalent to data bit R9.
63
61
RCLK
RCLKN
O
TTL
Recovered CLocK Outputs. These outputs are driven from the recovered
clock, at 1/10 or 1/20 the baud rate, as selected by RMODE(1:0) and
DUAL. When unused, RCLK is HIGH and RCLKN is LOW.
36
37
RMODE0
RMODE1
I
TTL
Receive Output Data Timing MODE. Determines the timing reference for
R(7:0), IDLE, KCH, ERR, PSDET, RSDET and TBERR, as defined in
Table 5.
17
18
PRX+
PRX-
IPECL
Primary Differential Serial RX Inputs. These pins receive the serialized
input data when LBEN(1) is LOW and RXP/R is HIGH, otherwise they are
unused. They are internally biased at VDD/2 through a 3.2KW resistor to the
bias voltage. AC coupling is recommended.
22
23
RRX+
RRX-
IPECL
Redundant Differential Serial RX Inputs. These pins receive the serialized
input data when LBEN(1) is LOW and RXP/R is LOW, otherwise they are
unused. They are internally biased at VDD/2 through a 3.2KW resistor to the
bias voltage. AC coupling is recommended.
34
35
LBEN0
LBEN1
I
TTL
Loop Back ENable. These inputs control serial or parallel loopback
configuration as described in Table 8.
20
RXP/R
I
TTL
RX Input Primary/Redundant serial input select. When LBEN(1) is LOW,
this input selects PRX+/- as the serial input source when HIGH and RRX+/-
as the serial input source when LOW.
71
PSDET
O
TTL
Primary Analog Signal DETect. This output goes HIGH when the
amplitude on PRX is greater than 200mV and LOW when the input is less
than 100mV. PSDET is not defined when the input is between 100mV and
200mV. Output timing is same as R(7:0).
69
RSDET
O
TTL
Redundant Analog Signal DETect. This output goes HIGH when the
amplitude on RRX is greater than 200mV, LOW when the input is less than
100 mV. RSDET is not defined when the input is between 100mV and
200mV. Output timing is same as R(7:0).
30
31
REFCLKP
REFCLKN
IPECL
REFCLK Differential Positive and Negative PECL or Single-Ended TTL
Inputs. This rising edge of this clock latches transmit data and control into
the input register. It also provides the reference clock, at 1/10th or 1/20th of
the baud rate to the PLL as selected by DUAL. If TTL, connect to
REFCLKP but leave REFCLKN open. If PECL, connect both REFCLKP
and REFCLKN.
43
REFOUT
O
TTL
REFerence Clock OUTput: This is an output from the clock synthesizer at
the baud rate divided by ten.
13
14
CAP0
CAP1
AAnalog
Loop Filter CAPacitor for Clock Generation PLL. Nominally 0.1 µF,
amplitude is less than 3V. See the Loop Filter Applications section for more
details.
21
DUAL
I
TTL
DUAL Clock Mode. When LOW, REFCLK and RCLK/RCLKN are 1/10th
the baud rate. When HIGH, they are 1/20th the baud rate.
Pin
Name
I/O
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com