Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7937 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7937
Description  Single Supply 2.5Gb/s Voltage Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7937 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7937 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7937
Single Supply 2.5Gb/s Voltage Driver
G52200-0, Rev 3.0
Page 1
03/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
Applications
General Description
The VSC7937 is a single -5.2V supply, 2.5Gb/s voltage driver with direct access to the output modulation
and bias FETs. The output stage can drive 60mA into 50
Ω with adequate output voltage compliance. Output
bias and modulation currents are set by external components allowing precision monitoring and setting of the
output voltage levels.
VSC7937 Block Diagram
• Typical Rise Times of 100ps
• High-Speed Operation
(Up to 2.5Gb/s NRZ Data)
• 3V Output Voltage Compliance
• Single-Ended or Differential Input Operation
• Single Power Supply: +5V or -5.2V
• Direct Access to Modulation and Bias FETs
• On-Die MUX for Clocked or Unclocked
Applications
• On-Chip 50
Ω Input Clock and Data Termination
• SONET/SDH @ 622Mb/s, 1.244Gb/s, 2.488Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)
IBIAS1
OUT
NOUT
VIP
VIB2
VIB1
MIP
MIB1
MIB2
IMOD
IBIAS2
INOUT
*Terminated to Off-chip Capacitor
**On Die Components
M
U
X
SEL
DIN
DINTERM*
DQ
50 Ω**
50 Ω**
50 Ω**
50 Ω**
NDIN
CLK
NCLK
CLKTERM*
SEL


Similar Part No. - VSC7937

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7938R0 VITESSE-VSC7938R0 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7938W VITESSE-VSC7938W Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
VSC7939RP VITESSE-VSC7939RP Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
More results

Similar Description - VSC7937

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML0131 MITSUBISHI-ML0131 Datasheet
133Kb / 2P
FOR OPTICAL TRANSMITTER(2.5Gb/s LASER DRIVER)
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
5.0V 2.5Gb/s TIA
Rev 0
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
2.5Gb/s APD preamp Mini-DIL receiver
logo
Source Photonics, Inc.
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
614.4M - 2.5Gb/s bi-directional data links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com