Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7937 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7937
Description  Single Supply 2.5Gb/s Voltage Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7937 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7937 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7937 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7937
Single Supply 2.5Gb/s Voltage Driver
G52200-0, Rev 3.0
Page 3
03/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 3: Power Dissipation
Table 4: Package Thermal Specifications
Table 5: MUX Select Logic Table
Absolute Maximum Ratings(1)
Power Supply Voltage (VSS) ............................................................................................................. VCC to -6.0V
Operating Junction Temperature Range (TJ)............................................................................... -55°C to +125°C
Storage Temperature Range (TS)................................................................................................. -65°C to +150°C
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Positive Voltage Rail (GND) ..............................................................................................................................0V
Negative Voltage Rail (VSS) .......................................................................................................................... -5.2V
Operational Case Temperature Range (TC)
(1) ............................................................................... -40°C to +85°C
NOTE: (1) Lower limit of specification is ambient temperature and upper limit is case temperature
Symbol
Parameter
Min
Typ
Max
Units
Conditions
ISS
Power Supply Current (VSS)
——-120
mA
VSS = -5.5V, IMOD =
IBIAS = 0mA
PD
Total Power Dissipation
——
700
mW
VSS = -5.5V, IMOD =
IBIAS = 0 mA
Symbol
Parameter
Min
Typ
Max
Units
Conditions
θ
JCC
Thermal Resistance from Junction to Case
—
25
—
°C/W
Ceramic Package
θ
JCP
Thermal Resistance from Junction to Case
—
15
—
°C/W
Plastic Package
Symbol
Rating
VSS
Clocked Data In
GND
Non-clocked Data In
NC
Non-clocked Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com