Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39115J18R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39115J18R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J18R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39115J18R Datasheet HTML 1Page - STMicroelectronics LD39115J18R Datasheet HTML 2Page - STMicroelectronics LD39115J18R Datasheet HTML 3Page - STMicroelectronics LD39115J18R Datasheet HTML 4Page - STMicroelectronics LD39115J18R Datasheet HTML 5Page - STMicroelectronics LD39115J18R Datasheet HTML 6Page - STMicroelectronics LD39115J18R Datasheet HTML 7Page - STMicroelectronics LD39115J18R Datasheet HTML 8Page - STMicroelectronics LD39115J18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
January 2014
DocID15527 Rev 6
1/21
LD39115J
150 mA low quiescent current low noise voltage regulator
Datasheet
- production data
Features
• Input voltage from 1.5 to 5.5 V
• Ultra low dropout voltage (80 mV typ. at 100
mA load)
• Very low quiescent current (20 µA typ. at no
load, 35 µA typ. at 150 mA load, 1 µA max in off
mode)
• Very low noise (33 µVRMS from 1 kHz to 100
kHz at VOUT = 1.8 V)
• Output voltage tolerance: ± 2.0 % @ 25 °C
• 150 mA guaranteed output current
• Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor COUT = 1 µF
• Internal current and thermal limit
• Flip-chip 4 bumps 0.8 x 0.8 mm. pitch 0.4 mm
• Temperature range: -40 °C to 125 °C
Applications
• Mobile phones
• Personal digital assistants (PDAs)
• Cordless phones and similar battery-powered
systems
Description
The LD39115J provides 150 mA maximum
current from an input voltage ranging from 1.5 V
to 5.5 V with a typical dropout voltage of 80 mV. It
is stabilized with a ceramic capacitor. The ultra
low drop voltage, low quiescent current and low
noise features make it suitable for low power
battery-powered applications. Power supply
rejection is 65 dB at low frequencies and starts to
roll off at 10 kHz. An enable logic control function
puts the LD39115J in shutdown mode allowing a
total current consumption lower than 1 µA. The
device also includes a short-circuit constant
current limiting and thermal protection.
Flip-chip 4
Table 1. Device summary
Order codes
Output voltages
LD39115J10R
1 V
LD39115J12R
1.2 V
LD39115J14R
1.4 V
LD39115J15R
1.5 V
LD39115J18R
1.8 V
LD39115J25R
2.5 V
LD39115J28R
2.8 V
LD39115J30R
3.0 V
LD39115J33R
3.3 V
www.st.com


Similar Part No. - LD39115J18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39115J18R STMICROELECTRONICS-LD39115J18R Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
LD39115J18R STMICROELECTRONICS-LD39115J18R Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LD39115J18R STMICROELECTRONICS-LD39115J18R Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
More results

Similar Description - LD39115J18R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
3A Guaranteed Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
Guaranteed 600mA Output Current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
Output current 24 mA
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
Guaranteed Output Current of 2A
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
150 mA guaranteed output current
14-Jan-2015
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
500 mA guaranteed output current
11-Nov-2008
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
Guaranteed 30mA Output
1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com