Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39115J18R Datasheet(PDF) 18 Page - STMicroelectronics

Part # LD39115J18R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J18R Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LD39115J18R Datasheet HTML 13Page - STMicroelectronics LD39115J18R Datasheet HTML 14Page - STMicroelectronics LD39115J18R Datasheet HTML 15Page - STMicroelectronics LD39115J18R Datasheet HTML 16Page - STMicroelectronics LD39115J18R Datasheet HTML 17Page - STMicroelectronics LD39115J18R Datasheet HTML 18Page - STMicroelectronics LD39115J18R Datasheet HTML 19Page - STMicroelectronics LD39115J18R Datasheet HTML 20Page - STMicroelectronics LD39115J18R Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Packaging mechanical data
LD39115J
18/21
DocID15527 Rev 6
Table 7. Flip-chip 4 tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A
178
C12.8
13.2
D20.2
N59
60
61
T
8.4
Ao
0.82
0.87
0.92
Bo
0.82
0.87
0.92
Ko
0.64
0.69
0.74
Po
3.9
4.0
4.1
P
3.9
4.0
4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com