Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2051 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2051
Description  Undervoltage lock out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2051 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2051 Datasheet HTML 2Page - STMicroelectronics ST2051 Datasheet HTML 3Page - STMicroelectronics ST2051 Datasheet HTML 4Page - STMicroelectronics ST2051 Datasheet HTML 5Page - STMicroelectronics ST2051 Datasheet HTML 6Page - STMicroelectronics ST2051 Datasheet HTML 7Page - STMicroelectronics ST2051 Datasheet HTML 8Page - STMicroelectronics ST2051 Datasheet HTML 9Page - STMicroelectronics ST2051 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical characteristics
ST2051
6/10
Doc ID 12593 Rev 3
5
Electrical characteristics
Table 5.
Electrical characteristics (TJ = 25 °C, VI = 5.0 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RDS(on)
Static drain-source
on-state resistance
VI = 3.3 V;
-40 < TJ < 125 °C
100
145
m
Ω
VI = 5.0 V;
-40 < TJ < 125 °C
90
135
VI = 3.3 V;
TJ = 25 °C
90
130
VI = 5.0 V;
TJ = 25 °C
80
110
tr
Output rise time(1)
1.
Not tested in production, specified by design
VI = 5.5 V,
RL = 10 Ω,
CL = 1 μF
2.5
ms
VI = 2.7 V,
RL = 10 Ω,
CL = 1 μF
3ms
tf
Output fall time(1)
VI = 5.5 V,
RL = 10 Ω,
CL = 1 μF
0.3
ms
VI = 2.7 V,
RL = 10 Ω,
CL = 1 μF
0.2
ms
TON
Turn-ON time(1)
RL = 10 Ω,
CL = 100 μF
20
ms
TOFF
Turn-OFF time(1)
RL = 10 Ω,
CL = 100 μF
40
ms
Table 6.
Current limit characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IOS
Short-circuit output
current
VI = 5 V, OUT connected to
GND, device enabled into
short-circuit
0.7
1.0
1.3
A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com