Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2051 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2051
Description  Undervoltage lock out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2051 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2051 Datasheet HTML 1Page - STMicroelectronics ST2051 Datasheet HTML 2Page - STMicroelectronics ST2051 Datasheet HTML 3Page - STMicroelectronics ST2051 Datasheet HTML 4Page - STMicroelectronics ST2051 Datasheet HTML 5Page - STMicroelectronics ST2051 Datasheet HTML 6Page - STMicroelectronics ST2051 Datasheet HTML 7Page - STMicroelectronics ST2051 Datasheet HTML 8Page - STMicroelectronics ST2051 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Not recommended for new design
This is information on a product still in production but not recommended for new designs.
November 2010
Doc ID 12593 Rev 3
1/10
10
ST2051
Enhanced power switch
Features
■ 90 m
Ω high-side MOSFET switch
■ 500 mA continuous current per channel
■ Thermal and short-circuit protection with
overcurrent logic output
■ Operating range from 2.7 to 5.5 V
■ CMOS- and TTL-compatible enable inputs
■ 2.5 ms typical rise time
■ Undervoltage lock out
■ 10
μA maximum standby supply current
■ Ambient temperature range, 0 °C to 85 °C
■ 2 kV ESD protection
■ Fault-blanking
SO-8
Table 1.
Device summary
Order code
Package
Packaging
ST2051BDR(1)
SO-8
Tape and reel
1.
Not recommended for new design (refer to STMPS2151MTR). Contact ST sales office for availability.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST2051

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST205001 E-SWITCH-ST205001 Datasheet
71Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST205002 E-SWITCH-ST205002 Datasheet
71Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST205003 E-SWITCH-ST205003 Datasheet
98Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST205005 E-SWITCH-ST205005 Datasheet
115Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST205006 E-SWITCH-ST205006 Datasheet
98Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST2051

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS252C SITI-PS252C Datasheet
136Kb / 10P
Over/Under-voltage protection and lock out
PS252C1 SITI-PS252C1 Datasheet
158Kb / 10P
Over/Under-voltage protection and lock out
logo
STMicroelectronics
EV-VN7004CH STMICROELECTRONICS-EV-VN7004CH Datasheet
317Kb / 8P
Undervoltage shutdown
14-Oct-2016
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
Undervoltage shutdown
21-Jul-2014
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
Undervoltage lockout
01-Feb-2017
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
logo
PHOENIX CONTACT
EMD-BL-V-230 PHOENIX-EMD-BL-V-230 Datasheet
139Kb / 6P
Undervoltage monitoring
EMD-SL-V-UV-300 PHOENIX-EMD-SL-V-UV-300 Datasheet
141Kb / 7P
Undervoltage monitoring
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com