Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC2540 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 7Page - STMicroelectronics STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics STCC2540 Datasheet HTML 10Page - STMicroelectronics STCC2540 Datasheet HTML 11Page - STMicroelectronics STCC2540 Datasheet HTML 12Page - STMicroelectronics STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics STCC2540 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID024711 Rev 6
11/32
STCC2540
Application information
32
5
Application information
The STCC2540 device is designed to be implemented into the PC on a USB port in order to
emulate the wall charger adapter when the PC is in standby mode or OFF, and to allow
higher charge current when the USB interface is used for data communication. In order to
handle these functionalities, the STCC2540 device relies on USB BC1.2 specifications,
Chinese telecommunications industry standard YD/T 1591-2009, and proprietary
implementations.
BC1.2 charging profiles are
CDP: charging downstream port providing data communication plus charging
(active USB data communications with 1.5 A support)
SDP: standard downstream port providing data communication with no charging
(active USB 3.0 data communications with 900 mA support or USB 2.0 data
communications with 500 mA support)
DCP: dedicated charging port (wall charger emulation with no data communication
and 500 mA to 1.5 A support)
Chinese telecommunications standard
D+ and D- shorted to allow charging
Apple divider mode (2 A max. current)
BlackBerry emulator mode
Legacy mode (allowing 500 mA charging current)
Korean tablet charging mode (D+ and D- shorted and pulled up to a certain voltage)
Figure 4. Typical application diagram
1. CVBUS required by the USB specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com