Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC2540 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCC2540
Description  USB charging controller with integrated power switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC2540 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCC2540 Datasheet HTML 8Page - STMicroelectronics STCC2540 Datasheet HTML 9Page - STMicroelectronics STCC2540 Datasheet HTML 10Page - STMicroelectronics STCC2540 Datasheet HTML 11Page - STMicroelectronics STCC2540 Datasheet HTML 12Page - STMicroelectronics STCC2540 Datasheet HTML 13Page - STMicroelectronics STCC2540 Datasheet HTML 14Page - STMicroelectronics STCC2540 Datasheet HTML 15Page - STMicroelectronics STCC2540 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Application information
STCC2540
12/32
DocID024711 Rev 6
5.1
Supported modes
For more information refer to Section 5.4: State machine.
The STCC2540 device supports the following modes:
SDP BC1.2
CDP BC1.2
SDP with remote wakeup for all USB devices
CDP with remote wakeup for low-speed USB devices with automatic transition to DCP
auto mode if a full-speed/high-speed USB device attached or after a USB device
detached.
DCP auto-detect: this mode permits auto-detection of charging modes between DCP
BC1.2 (shorted D+, D-) and divider charging mode. It also supports BlackBerry
charging mode and can charge legacy devices and Korean tablets.
Forced DCP BC1.2 mode
Forced DCP divider mode
The auto-detect mode starts in divider mode. If charging negotiation attempt is detected,
there is an automatic transition to DCP BC1.2 mode. It is preceded by VBUS discharge pulse
to initialize the proper BC1.2 handshake process. If the BC1.2 device is detached, the circuit
automatically returns to divider mode after a 10 s (typ.) timeout.
Note:
From an application point of view it means that after removing one device the user should
wait for approx. 15 s before attaching another device.
Selection between these modes is done through the CTLx control pins. The CTLx pins may
be controlled by the host in different ways:
GPIO from embedded controller
Hardware signals from USB host controller (SLP_S3#, SLP_S4#) and AC_adapter
signal from embedded controller
Hardware signals SUSPEND from embedded controller and AC_ADAPTER.
Table 5. Truth table control pins CTLx(1)
Host state
CTL1 CTL2 CTL3
Mode description
0
0
0
Device off, output discharge
S0, S1, (S3)(2)
11
0
SDP
S0, S1, (S3)(2)
1
1
1
CDP BC1.2 with charging detection.
S3, (S0, S1)(2)
0
1
0
SDP with remote wakeup for all USB devices
S3
0
1
1
CDP with remote wakeup for low-speed USB devices / DCP auto mode for
full-speed or high-speed USB devices or after a USB device detached.
S4, S5
0
0
1
DCP auto-detect mode without remote wakeup, with charging detection
S4, S5
1
0
1
Forced DCP divider mode with charging detection
S4, S5
1
0
0
Forced DCP BC1.2 mode with charging detection
1. On the transition from the CTLx = 111 to CTLx = 001, a synchronous transition of the CTL1 and CTL2 must be ensured.
2. See Section 5.2 for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com