Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC5011 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 15Page - STMicroelectronics STCC5011 Datasheet HTML 16Page - STMicroelectronics STCC5011 Datasheet HTML 17Page - STMicroelectronics STCC5011 Datasheet HTML 18Page - STMicroelectronics STCC5011 Datasheet HTML 19Page - STMicroelectronics STCC5011 Datasheet HTML 20Page - STMicroelectronics STCC5011 Datasheet HTML 21Page - STMicroelectronics STCC5011 Datasheet HTML 22Page - STMicroelectronics STCC5011 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID024660 Rev 6
19/37
STCC5011, STCC5021
Application information
37
Use case 1: device charging in CDP, notebook is then turned off
If a device is charging while the system is turned off and the battery supplied, the risk is that
the charging process stops before the end of charge due to the system power-off. To avoid
this, the flag CHARGING/ATTACH can be used by the host to prevent the switching-off of
the high power DC-DC converter when the host goes to S5 state, even if battery supplied. In
this case the 3-h timer is not started.
Use case 2: charging in S5, battery supplied
Once device attachment has been detected and the host has woken up, supplying VBUS
voltage to the portable device allows the charging process to start in DCP mode. The flag
CHARGING/ATTACH stays asserted for the tATTACH period (25 s typ.) after attach. During
this period, the charging must be established (charging current above the IOUT_TH
threshold) to keep the CHARGING/ATTACH output asserted. The 3-h safety timer is started
if ATTACH_EN is kept high.
If, for whatever reason, there is no charging current (or if it is below 20 mA),
CHARGING/ATTACH is deasserted (while ATTACH_EN is still high). The host can return to
its previous state by switching off the high power supply and switching on the low-power LDO, to
reduce consumption, and setting the EN pin to 0. Therefore, the attach detector is ON. At
this stage, the STCC5011-STCC5021 devices can detect if the device is still attached or has
been removed (see Figure 9).
If the device is still attached, the attach detector circuit waits for device removal.
If the device is removed, the circuit goes back into attach detection mode till the next
attachment.
Figure 9. Attach detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com