Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCC5011 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STCC5011
Description  Constant current mode overcurrent protection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC5011 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STCC5011 Datasheet HTML 17Page - STMicroelectronics STCC5011 Datasheet HTML 18Page - STMicroelectronics STCC5011 Datasheet HTML 19Page - STMicroelectronics STCC5011 Datasheet HTML 20Page - STMicroelectronics STCC5011 Datasheet HTML 21Page - STMicroelectronics STCC5011 Datasheet HTML 22Page - STMicroelectronics STCC5011 Datasheet HTML 23Page - STMicroelectronics STCC5011 Datasheet HTML 24Page - STMicroelectronics STCC5011 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID024660 Rev 6
21/37
STCC5011, STCC5021
Application information
37
FAULT functionality
The FAULT open drain active low output is asserted during overcurrent or overtemperature
conditions. Signal is asserted until the fault is removed.
For overcurrent conditions, the STCC50x1 device is designed to eliminate false FAULT
reporting, by using an internal deglitch delay (9 ms typ.).
In the case of overtemperature, there is no deglitch delay and the FAULT signal is asserted
immediately. It is deasserted with delay after the device has cooled down and begins to turn
on. This unidirectional glitch immunity prevents FAULT oscillation during an
overtemperature event.
In the case of fault condition, the host may disable the power switch by toggling EN input to
logic low (see Figure 10).
Current limit programming
Current limit can be adjusted by an external resistor in the range 500 mA to 2.8 A (typ.). The
programming resistor may be calculated using Equation 1 to Equation 3:
Equation 1
Equation 2
Equation 3
Equation 2 and Equation 3 allow the minimum and maximum variation to be estimated
around the typical value predefined by the external resistor, RILIM, given in Equation 1.
Equation 2 and Equation 3 do not take into consideration external resistor variations.
5.8
EN functionality
The enable input (EN, active high) serves to turn off the STCC50x1 device and achieve the
lowest current consumption.
The behavior of the STCC50x1 device in disabled state (EN = 0) is as follows:
Power switch, USB data switch and emulation profiles are turned off
The FAULT and CHARGING/ATTACH flags are cleared (the FAULT and
CHARGING/ATTACH outputs are set to Hi-Z mode)
If ATTACH_EN = 0, permanent output discharge is turned on
If ATTACH_EN = 1, the device turns into the attach detection mode.
IOS typ
()
48000
RILIM
----------------
=
mA k
Ω
,
()
IOS min
()
48000
RILIM
1.037
--------------------------
=
mA k
Ω
,
()
IOS max
()
48000
RILIM
0.962
--------------------------
=
mA k
Ω
,
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com