Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0285 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 17Page - STMicroelectronics UM0285 Datasheet HTML 18Page - STMicroelectronics UM0285 Datasheet HTML 19Page - STMicroelectronics UM0285 Datasheet HTML 20Page - STMicroelectronics UM0285 Datasheet HTML 21Page - STMicroelectronics UM0285 Datasheet HTML 22Page - STMicroelectronics UM0285 Datasheet HTML 23Page - STMicroelectronics UM0285 Datasheet HTML 24Page - STMicroelectronics UM0285 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
UM0285
Data acquisition quick start
21/32
4
Data acquisition quick start
This section describes the basic steps that have to be performed to acquire the acceleration
data from the EK3LV02DL.
1.
Connect the EK3L02DL to the USB port
2.
Start the EK3LV02DL GUI;
3.
Select the Virtual COM port and then click on the “Connect” button (Figure 9, ref2)
4.
Select the destination file in which the acceleration data must be saved by clicking onto
“Setup” (Figure 14, ref1) and “Destination File” (Figure 14, ref6) buttons;
5.
Optionally select the desired decimation factor, Horizontal and Vertical gain and then
click on the “OK” button (Figure 14, ref7).
6.
Click on “Plot Data” or “Show Data” (Figure 9, ref6) to activate the corresponding Data
Display window (Figure 15).
7.
Click on “Browsing” button to activate the function of map browsing (Figure 9, ref6) and
then load the desired image by clicking on “Load Image” button.
8.
Click on “START” (”STOP”) button to activate (stop) the collection of data from the
sensor, their saving onto file and plotting on the screen.
9.
To close the application click on Disconnect and then click on Exit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com