Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0382 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0382
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0382 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0382 Datasheet HTML 17Page - STMicroelectronics UM0382 Datasheet HTML 18Page - STMicroelectronics UM0382 Datasheet HTML 19Page - STMicroelectronics UM0382 Datasheet HTML 20Page - STMicroelectronics UM0382 Datasheet HTML 21Page - STMicroelectronics UM0382 Datasheet HTML 22Page - STMicroelectronics UM0382 Datasheet HTML 23Page - STMicroelectronics UM0382 Datasheet HTML 24Page - STMicroelectronics UM0382 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
UM0382
Data acquisition quick start
21/32
4
Data acquisition quick start
This section describes the basic steps that have to be performed to acquire the acceleration
data from the EK3LV02DQ:
1.
connect the EK3L02DL to the USB port;
2.
start the EK3LV02DQ GUI;
3.
select the Virtual COM port and then click on the “Connect” button (Figure 9, ref2);
4.
select the destination file in which the acceleration data must be saved by clicking onto
“Setup” (Figure 14, ref1) and “Destination File” (Figure 14, ref7) buttons;
5.
optionally select the desired decimation factor, Horizontal and Vertical gain and then
click on the “OK” button (Figure 14, ref8);
6.
click on “Plot Data” or “Show Data” (Figure 9, ref6) to activate the corresponding Data
Display window (Figure 15);
7.
click on “Browsing” button to activate the function of map browsing (Figure 9, ref6) and
then load the desired image by clicking on “Load Image” button;
8.
click on “START” (”STOP”) button to activate (stop) the collection of data from the
sensor, their saving onto file and plotting on the screen;
9.
to close the application click on Disconnect and then click on Exit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com