Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0382 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0382
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0382 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0382 Datasheet HTML 18Page - STMicroelectronics UM0382 Datasheet HTML 19Page - STMicroelectronics UM0382 Datasheet HTML 20Page - STMicroelectronics UM0382 Datasheet HTML 21Page - STMicroelectronics UM0382 Datasheet HTML 22Page - STMicroelectronics UM0382 Datasheet HTML 23Page - STMicroelectronics UM0382 Datasheet HTML 24Page - STMicroelectronics UM0382 Datasheet HTML 25Page - STMicroelectronics UM0382 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
EK lite
UM0382
22/32
5
EK lite
The mini-CD delivered with the EK3LV02DQ contains also a lite version of the previous GUI
together with its source code. The source code can be found in the directory:
($Home)\STM\EK3LV02DQ\EK3LVDQ_lite
where ($Home) represents the directory in which the SW delivered with the evaluation kit
has been installed (C:\Program Files by default).
The intention is to provide to the user a guidance to the development of his/her own
customized application.
The evaluation kit is started by launching the executable EK3LV02DQ Lite which is
contained in the EK3LV02DQ > Executables folder.
The graphical aspect of the GUI associated to the application is shown in Figure 22.
Figure 22.
EK3LV02DQ Lite GUI
In order to operate the SW it is suggested to follow these instructions:
1.
connect the EK3LV02DQ to the USB port
2.
start the GUI for EK3LV02DQ Lite;
3.
select the Virtual COM port and then click on the “Connect” button;
4.
optionally select the destination file in which the acceleration data must be saved by
clicking onto “Setup” and “Destination File” buttons;
5.
click on “Plot Data” to activate the corresponding Data Display window;
6.
click on “START” (”STOP”) button to activate (stop) the collection of data from the
sensor, their saving onto file and plotting on the screen;
7.
to close the application click on Disconnect and then click on Exit.
The GUI allows also the Read/Write the registers embedded in the LIS3LV02DQ device
mounted on the board and to perform a single read of the acceleration data measured by
sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com