Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1871 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 2Page - STMicroelectronics UM1871 Datasheet HTML 3Page - STMicroelectronics UM1871 Datasheet HTML 4Page - STMicroelectronics UM1871 Datasheet HTML 5Page - STMicroelectronics UM1871 Datasheet HTML 6Page - STMicroelectronics UM1871 Datasheet HTML 7Page - STMicroelectronics UM1871 Datasheet HTML 8Page - STMicroelectronics UM1871 Datasheet HTML 9Page - STMicroelectronics UM1871 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Overview
UM1871
6/64
DocID027604 Rev 3
1
Overview
1.1
Features
•
STM32F446ZET6 microcontroller.
•
3.2" 240x320 TFT color LCD with resistive touchscreen
•
2048 x 1536 camera module
•
SAI stereo audio DAC, audio jacks which support headset with microphone
•
Stereo digital microphones connected to DAC or to MCU
•
Connectors for microphone coupon board
•
SPDIF optical input connector
•
Joystick with 4-direction control and selector
•
Reset and user buttons
•
Potentiometer
•
4 color user LEDs
•
32-Mbit Quad-SPI Flash memory
•
4M x 16-bit SDRAM
•
2-Gbyte (or more) microSD card
•
RF-EEPROM
•
USB OTG HS and FS with micro-AB
•
Micro-AB connector
•
RS232 communication
•
CAN 2.0A/B compliant communication
•
IrDA transceiver
•
Embedded ST-LINK/V2-1
•
JTAG/SWD and ETM trace debug support
•
Five 5 V power supply options:
–Power jack
–
ST-LINK USB connector
–
USB FS connector
–
USB HS connector
–
Daughter board
•
RTC with backup battery
•
Motor control connector
•
Extension connectors for daughter board or wrapping board and memory connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com