Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # B3LF
Description  2W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B3LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  B3LF Datasheet HTML 1Page - Bothhand USA, LP. B3LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Input Filter With Internal Capacitor
Input / Output Isolation 1K Vdc Or 3K Vdc(H)
Low Ripple And Noise
100% Burn-In
Un-Regulated type
Net Weight : 2.2 g / 2.7 g
Typical
7 Pin SIL / 14 Pin DIL Package
Custom Design Available
Technical Specification (1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output SIL Package Style
B3-0505SS(H) LF
5
400
45
506
60
± 8
79
B3-0512SS(H) LF
12
167
42
500
100
± 8
80
B3-0515SS(H) LF
5
15
134
35
494
120
± 8
81
B3-1205SS(H) LF
5
400
26
211
60
± 8
79
B3-1212SS(H) LF
12
167
25
208
100
± 8
80
B3-1215SS(H) LF
12
15
134
24
206
120
± 8
81
B3-2405SS(H) LF
5
400
8
105
60
± 8
79
B3-2412SS(H) LF
12
167
7
101
100
± 8
82
B3-2415SS(H) LF
24
15
134
7
102
120
± 8
82
3) Dual Output SIL Package Style
B3-0505S(H) LF
± 5
± 200
45
513
60
± 8
78
B3-0512S(H) LF
± 12
± 84
42
500
100
± 8
80
B3-0515S(H) LF
5
± 15
± 67
35
494
120
± 8
81
B3-1205S(H) LF
± 5
± 200
26
214
60
± 8
78
B3-1212S(H) LF
± 12
± 84
25
208
100
± 8
80
B3-1215S(H) LF
12
± 15
± 67
24
208
120
± 8
80
B3-2405S(H) LF
± 5
± 200
8
107
60
± 8
78
B3-247R2S(H) LF
± 7.2
± 139
8
107
75
± 8
78
B3-2412S(H) LF
± 12
± 84
7
103
100
± 8
81
B3-2415S(H) LF
24
± 15
± 67
7
102
120
± 8
82
Mechanical Dimensions (1/2):
SIL Package Style
B3-0505SS LF
Printed Face
19.50
(0.76)
6.00
(0.24)
9.50
(0.37)
0.50
(0.02)
3.05
(0.12)Min
2.54
(0.10)
12.70
(0.50)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
8.50
(0.33)
5.00
(0.20)
Pb
17.00
(0.67)
8.00
(0.31)
0.50
(0.02)
Single Output
Pin
1K Vdc
3K Vdc
1
+Vin
+Vin
2
-Vin
-Vin
3
No Pin
4
-Vo
No Pin
5
No Pin
-Vo
6
+Vo
No Pin
7
No Pin
+Vo
Dual Output
Pin
1K Vdc
1K Vdc
1
+Vin
+Vin
2
-Vin
-Vin
3
No Pin
No Pin
4
-Vo
No Pin
5
Common
-Vo
6
+Vo
Common
7
No Pin
+Vo
BOTHHAND USA
www.bothhandusa.com
sales@bothhandusa.com
B3 LF Series
2W Isolated DC/DC Converter


Similar Part No. - B3LF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
B3L30LP DIODES-B3L30LP Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
B3L30LP-7 DIODES-B3L30LP-7 Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
B3L30LP-7 DIODES-B3L30LP-7 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 7 - 2
More results

Similar Description - B3LF

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
DC - DC CONVERTER 2W
SAD02-9559 CHINFA-SAD02-9559_08 Datasheet
107Kb / 2P
DC - DC CONVERTER 2W
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Bothhand USA, LP.
B3-LF-SERIES BOTHHAND-B3-LF-SERIES Datasheet
755Kb / 2P
2W Isolated DC/DC Converter
B9-LF-SERIES BOTHHAND-B9-LF-SERIES Datasheet
128Kb / 1P
2W Isolated DC/DC Converter
BB-LF-SERIES BOTHHAND-BB-LF-SERIES Datasheet
143Kb / 2P
1~2W Isolated DC/DC Converter
BBLF BOTHHAND-BBLF Datasheet
143Kb / 2P
1~2W Isolated DC/DC Converter
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com