Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B3LF
Description  2W Isolated DC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B3LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B3LF Datasheet HTML 1Page - Bothhand USA, LP. B3LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specification(2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output DIL Package Style
B3-0505DS(H) LF
5
400
45
506
60
± 8
79
B3-0512DS(H) LF
12
167
42
500
100
± 8
80
B3-0515DS(H) LF
5
15
134
35
494
120
± 8
81
B3-1205DS(H) LF
5
400
26
211
60
± 8
79
B3-1212DS(H) LF
12
167
25
208
100
± 8
80
B3-1215DS(H) LF
12
15
134
24
206
120
± 8
81
B3-2405DS(H) LF
5
400
8
105
60
± 8
79
B3-2412DS(H) LF
12
167
7
101
100
± 8
82
B3-2415DS(H) LF
24
15
134
7
102
120
± 8
82
3) Dual Output DIL Package Style
B3-0505D(H) LF
± 5
± 200
45
513
60
± 8
78
B3-0512D(H) LF
± 12
± 84
42
500
100
± 8
80
B3-0515D(H) LF
5
± 15
± 67
35
494
120
± 8
81
B3-1205D(H) LF
± 5
± 200
26
214
60
± 8
78
B3-1212D(H) LF
± 12
± 84
25
208
100
± 8
80
B3-1215D(H) LF
12
± 15
± 67
24
208
120
± 8
80
B3-2405D(H) LF
± 5
± 200
8
107
60
± 8
78
B3-247R2D(H) LF
± 7.2
± 139
8
107
75
± 8
78
B3-2412D(H) LF
± 12
± 84
7
103
100
± 8
81
B3-2415D(H) LF
24
± 15
± 67
7
102
120
± 8
82
Mechanical Dimensions (2/2):
DIL Package Style
0.50
(0.02)
20.32
(0.80)
15.24
(0.60)
Bottom View
7.62
(0.30)
10.16
(0.40)
5.08
(0.20)
Printed
Face
B3-0505DS LF
Pb
18.00
(0.71)
8.00
(0.31)
Date Code
5.00
(0.20)
8.50
(0.33)
3.05
(0.12)
Min.
6.85
(0.27)
Pin
1K Vdc-Single
Pin
1
-Vin
+Vin
14
2
13
3
No Pin
12
4
-Vo
11
5
No Pin
10
6
No Pin
+Vo
9
7
NC
No Pin
8
Pin
1K Vdc-Dual
Pin
1
-Vin
+Vin
14
2
13
3
No Pin
12
4
-Vo
11
5
No Pin
10
6
No Pin
+Vo
9
7
NC
Common
8
Pin
3K Vdc-Single
Pin
1
-Vin
+Vin
14
2
13
3
12
4
No Pin
11
5
-Vo
10
6
No Pin
No Pin
9
7
NC
+Vo
8
Pin
3K Vdc-Dual
Pin
1
-Vin
+Vin
14
2
13
3
12
4
No Pin
11
5
-Vo
10
6
No Pin
Common
9
7
NC
+Vo
8
BOTHHAND USA
www.bothhandusa.com
sales@bothhandusa.com
B3 LF Series
2W Isolated DC/DC Converter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com