Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2053 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2053
Description  14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2053 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2053 Datasheet HTML 2Page - STMicroelectronics UM2053 Datasheet HTML 3Page - STMicroelectronics UM2053 Datasheet HTML 4Page - STMicroelectronics UM2053 Datasheet HTML 5Page - STMicroelectronics UM2053 Datasheet HTML 6Page - STMicroelectronics UM2053 Datasheet HTML 7Page - STMicroelectronics UM2053 Datasheet HTML 8Page - STMicroelectronics UM2053 Datasheet HTML 9Page - STMicroelectronics UM2053 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Hardware description
UM2053
6/10
DocID029206 Rev 1
1.2
Using RF disable (DIS) pin
This active high signal is used to disable the RF communication.
When the voltage on the VCC pin is below the POR level or not connected, an internal
pull-down resistor is connected on this pad. Thus, the RF disable pad is maintained to the
low level and the RF analog front end is activated. When the voltage on the VCC pin is
higher than the POR level, the I2C host shall set this pin to disable the RF communication.
In Dual interface mode, the DIS pin must not be left floating.
1.3
Using General Purpose Output (GPO) pin
This configurable output signal is used either to indicate that the M24SR64-Y is executing
an I2C or RF session in the mode chosen by the user. It is an open drain output and a
pull-up resistor (20 kΩ) must be connected between GPO and VCC pins. This digital output
pin is easily accessible to the user on the GPO test point.
1.4
Using I2C pins
The memory is accessible through I2C when it is powered by the VCC pin. I2C clock and
data signals are respectively available on SCL and SDA test points. Since I2C is an open
drain interface, pull up resistors have to be connected from both lines to VCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com