Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2053 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM2053
Description  14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2053 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM2053 Datasheet HTML 2Page - STMicroelectronics UM2053 Datasheet HTML 3Page - STMicroelectronics UM2053 Datasheet HTML 4Page - STMicroelectronics UM2053 Datasheet HTML 5Page - STMicroelectronics UM2053 Datasheet HTML 6Page - STMicroelectronics UM2053 Datasheet HTML 7Page - STMicroelectronics UM2053 Datasheet HTML 8Page - STMicroelectronics UM2053 Datasheet HTML 9Page - STMicroelectronics UM2053 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Federal Communications Commission (FCC) and Industry Canada (IC) compliance statements
8/10
DocID029206 Rev 1
4
Federal Communications Commission (FCC) and
Industry Canada (IC) compliance statements
4.1
FCC Compliance Statement
4.1.1
Part 15.19
This device complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions: (1) this device may not cause harmful interference, and (2) this device must
accept any interference received, including interference that may cause undesired
operation.
4.1.2
Part 15.105
This equipment has been tested and found to comply with the limits for a Class A digital
device, pursuant to part 15 of the FCC Rules. These limits are designed to provide
reasonable protection against harmful interference when the equipment is operated in a
commercial environment. This equipment generates, uses, and can radiate radio frequency
energy and, if not installed and used in accordance with the instruction manual, may cause
harmful interference to radio communications. Operation of this equipment in a residential
area is likely to cause harmful interference in which case the user will be required to correct
the interference at his own expense.
4.1.3
Part 15.21
Any changes or modifications to this equipment not expressly approved by
STMicroelectronics may cause harmful interference and void the user’s authority to operate
this equipment
4.2
Formal notices required by the Industry Canada (“IC”)
4.2.1
Compliance Statement
This device complies with Industry Canada licence-exempt RSS standard(s). Operation is
subject to the following two conditions : (1) this device may not cause interference, and (2)
this device must accept any interference, including interference that may cause undesired
operation.
4.2.2
Declaration de Conformité
Le présent appareil est conforme aux CNR d’Industrie Canada applicables aux appareils
radio exempts de licence. L’exploitation est autorisée aux deux conditions suivantes : (1)
l’appareil ne doit pas produire de brouillage, et (2) l’utilisateur de l’appareil doit accepter tout
brouillage radioélectrique subi, même si le brouillage est susceptible d’en compromettre le
fonctionnement.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com