Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2082 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2082
Description  Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2082 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2082 Datasheet HTML 2Page - STMicroelectronics UM2082 Datasheet HTML 3Page - STMicroelectronics UM2082 Datasheet HTML 4Page - STMicroelectronics UM2082 Datasheet HTML 5Page - STMicroelectronics UM2082 Datasheet HTML 6Page - STMicroelectronics UM2082 Datasheet HTML 7Page - STMicroelectronics UM2082 Datasheet HTML 8Page - STMicroelectronics UM2082 Datasheet HTML 9Page - STMicroelectronics UM2082 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Getting started
UM2082
6/14
DocID029504 Rev 1
2
Getting started
2.1
Hardware and software requirements
Using STM32 Nucleo boards with the X-NUCLEO-IHM06A1 expansion board requires the
following software and hardware:
1 x Windows PC (XP, Vista 7 ,Win 8, Win 10 ) to install the software package
1 x Low voltage stepper motor driver expansion board (X-NUCLEO-IHM06A1)
1 x STM32 Nucleo development board (NUCLEO-F401RE or NUCLEO-F334R8 or
NUCLEO-F030R8 or NUCLEO-L053R8)
1 x USB type A to mini-B USB cable to connect the STM32 Nucleo board to the PC
X-CUBE-SPN6 software package (available on www.st.com)
1 x IDE among:
IAR Embedded Workbench for ARM (EWARM)
Keil microcontroller development kit (MDK-ARM)
system workbench for STM32 Nucleo project
1 x stepper motor with compatible voltage and current ratings for the STSPIN220
driver
1 x external power supply or external battery suitable for the stepper motor used.
2.2
Using the X-NUCLEO-IHM06A1 expansion board with the
STM32 Nucleo board
The X-NUCLEO-IHM06A1 board is compatible with following STM32 Nucleo development
boards:
NUCLEO-F401RE
NUCLEO-F334R8
NUCLEO-F030R8
NUCLEO-L053R8
To start your project:
1.
Check the jumper position based on your configuration (see Section 5: "Hardware
description and configuration").
2.
Connect the X-NUCLEO-IHM06A1 with the STM32 Nucleo board through Arduino
UNO R3 Connectors (CN5, CN6, CN8, CN9).
3.
Supply the board through the input 5 (Vin) and 6 (ground) of the J1 connector. The D5
(red) LED turns on.
4.
Develop your application using the sample applications bundled with the X-CUBE-
SPN6 software package.
Further STSPIN220 and STM32 Nucleo support material is available on www.st.com.
2.3
Using the X-NUCLEO-IHM06A1 expansion board alone
The X-NUCLEO-IHM06A1 expansion board is able to drive a low voltage stepper motor
without an STM32 Nucleo board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com