Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2082 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM2082
Description  Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2082 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM2082 Datasheet HTML 6Page - STMicroelectronics UM2082 Datasheet HTML 7Page - STMicroelectronics UM2082 Datasheet HTML 8Page - STMicroelectronics UM2082 Datasheet HTML 9Page - STMicroelectronics UM2082 Datasheet HTML 10Page - STMicroelectronics UM2082 Datasheet HTML 11Page - STMicroelectronics UM2082 Datasheet HTML 12Page - STMicroelectronics UM2082 Datasheet HTML 13Page - STMicroelectronics UM2082 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Bill of materials
UM2082
12/14
DocID029504 Rev 1
Part reference
Part value
Part description
R34
5.6 kΩ, 5 %, 0.1 W
Resistor, SMD 0603
R35
1 kΩ, 10 %, 0.5 W
Trimmer, TH L7xW7xH5.8 mm Copal Electronics
CT-6EP102 or similar
S1, S2, S3, S4
Slide Switch
2-position switch, L10xW2.5xH6.4 mm
TP1
TPTH-ANELLO-1MM
PCB Test terminal 1 mm (black)
TP2, TP3, TP4
TPTH-ANELLO-1MM
PCB Test terminal 1 mm (red)
U1
STSPIN220
Low voltage stepper motor driver, QFN 3x3 16L
U2
SN74LVC1G125DCKR
Single bus buffer gate with 3-state output, SOT-353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com