Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2095 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2095
Description  Getting started with the X-NUCLEO-IHM11M1 low voltage 3-phase brushless DC motor driver expansion board based on STSPIN230
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2095 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2095 Datasheet HTML 2Page - STMicroelectronics UM2095 Datasheet HTML 3Page - STMicroelectronics UM2095 Datasheet HTML 4Page - STMicroelectronics UM2095 Datasheet HTML 5Page - STMicroelectronics UM2095 Datasheet HTML 6Page - STMicroelectronics UM2095 Datasheet HTML 7Page - STMicroelectronics UM2095 Datasheet HTML 8Page - STMicroelectronics UM2095 Datasheet HTML 9Page - STMicroelectronics UM2095 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Getting started
UM2095
6/11
DocID029570 Rev 1
2
Getting started
The X-NUCLEO-IHM11M1 expansion board is a three-phase brushless DC motor driver
covering a wide range of applications.
The board maximum ratings are:
Power stage supply voltage (Vsub) from 1.8 to 10 V
Motor phase current up to 1.3 Arms
To start your project with the board:
1.
Check the jumper position of your configuration (see Section 2: "Introduction").
2.
Connect the X-NUCLEO-IHM11M1 with the STM32 Nucleo development board
through ST morpho connectors (CN7, CN10).
3.
Supply the board through input 5 (Vin) and 6 (GND) of the J1 connector: the D5 (red)
LED turns on.
4.
Develop your application using the examples provided with the firmware library.
Further support material is available on the STSPIN230 (www.st.com) and STM32 Nucleo
web pages (www.st.com/stm32nucleo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com