Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2095 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM2095
Description  Getting started with the X-NUCLEO-IHM11M1 low voltage 3-phase brushless DC motor driver expansion board based on STSPIN230
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2095 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM2095 Datasheet HTML 3Page - STMicroelectronics UM2095 Datasheet HTML 4Page - STMicroelectronics UM2095 Datasheet HTML 5Page - STMicroelectronics UM2095 Datasheet HTML 6Page - STMicroelectronics UM2095 Datasheet HTML 7Page - STMicroelectronics UM2095 Datasheet HTML 8Page - STMicroelectronics UM2095 Datasheet HTML 9Page - STMicroelectronics UM2095 Datasheet HTML 10Page - STMicroelectronics UM2095 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Hardware description and configuration
UM2095
8/11
DocID029570 Rev 1
Connector
Pin(1)
Signal
Remarks
33
W_High
CN7
12
VDD
17
H1
18
5V
20
Ground
22
Ground
28
CURR_FDB
30
VBUS
34
BEFM2
35
Speed
37
BEFM1
Notes:
(1)All the non-listed pins are not connected.
The X-NUCLEO-IHM11M1 is equipped with screw connectors for motor and power supply,
a jumper for enabling a Hall encoder detection circuit and a connector for Hall effect
sensors (refer to the table below).
Table 2: Other connectors, jumpers and test points
Name
Pin
Label
Description
J1
1 - 2
Vin -
GND
Motor power supply
J2
1 - 2 -
3
U, V, W
3-phase BLDC motor phases connection
J3
1 - 2 -
3
-
Hall/encoder sensors connector
4 - 5
-
Sensors power supply
J4
-
J4
Selection for Hall’s input lines protection (closed by default) Hall’s
input lines
TP1
-
GND
Ground
TP2
-
VIN
Motor power supply
TP3
-
VDD
Digital power supply (by default 3.3 V coming from STM32 Nucleo
board)
3.1
Selecting the STM32 Nucleo board
This expansion board natively supports the following STM32 Nucleo development boards:
NUCLEO-F401RE
NUCLEO-F334R8
NUCLEO-F030R8
NUCLEO-L053R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com