Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 35Page - STMicroelectronics L6751 Datasheet HTML 36Page - STMicroelectronics L6751 Datasheet HTML 37Page - STMicroelectronics L6751 Datasheet HTML 38Page - STMicroelectronics L6751 Datasheet HTML 39Page - STMicroelectronics L6751 Datasheet HTML 40Page - STMicroelectronics L6751 Datasheet HTML 41Page - STMicroelectronics L6751 Datasheet HTML 42Page - STMicroelectronics L6751 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
L6751
Output voltage monitoring and protection
Doc ID 023992 Rev 1
39/59
7.2.3
Single-phase section
The L6751 performs two different kinds of OC protection for the single-phase section: it
monitors both the total current and the per-phase current and allows an OC threshold to be
set for both.
–
Per-phase OC. Maximum information current per-phase (ISINFOx) is internally
limited to 35
μA. This end-of-scale current (ISOC_TH) is compared with the
information current generated for each phase (ISINFOx). If the current information
for the single-phase exceeds the end-of-scale current (i.e. if ISINFOx > ISOC_TH),
the device turns on the LS MOSFET until the threshold is re-crossed (i.e. until
ISINFOx < ISOC_TH).
–
Total current OC. The SIMON pin allows a maximum total output current for the
system (ISOC_TOT) to be defined. ISMON current is sourced from the SIMON pin. By
connecting a resistor RSIMON to GND, a load indicator with 1.55 V (VSOC_TOT) end-
of-scale can be implemented. When the voltage present at the SIMON pin crosses
VSOC_TOT, the device detects an OC and immediately latches with all the
MOSFETs of all the sections OFF (HiZ).
Typical design considers the intervention of the total current OC before the per-phase OC,
leaving this last one as an extreme protection in case of hardware failures in the external
components. Total current OC is, moreover, dependant on the SIMON design and on the
application TDC and MAX current supported. Typical design flow is the following:
–
Define the maximum total output current (ISOC_TOT) according to system
requirements (ISMAX, ISTDC). Considering ISMON design, ISMAX must correspond to
1.24 V (for correct SIMAX detection) so ISOC_TOT results defined, as a
consequence, as
–
Design per-phase OC and RSG resistor in order to have ISINFOx = ISOC_TH (35 μA)
when ISOUT is about 10% higher than the ISOC_TOT current. It results:
Equation 15
where DCR is the DC resistance of the inductors. RSG should be designed in
worst-case conditions.
–
Design the total current OC and RSIMON in order to have the SIMON pin voltage to
1.24 V at the ISMAX current specified by the design. It results:
Table 14.
Multi-phase section OC scaling and power states
Power state [Hex]
N
OC level (VOC_TOT)
00h
3 to 6
2.500 V
01h, 02h
3
1.650 V
4
1.250 V
5
1.000 V
6
0.830 V
I
SOC_TOT
I
SMAX
1.55
⋅
1.24
⁄
=
R
SG
1.1
I
SOC_TOT
⋅
() DCR
⋅
I
SOCTH
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com