Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 37Page - STMicroelectronics L6751 Datasheet HTML 38Page - STMicroelectronics L6751 Datasheet HTML 39Page - STMicroelectronics L6751 Datasheet HTML 40Page - STMicroelectronics L6751 Datasheet HTML 41Page - STMicroelectronics L6751 Datasheet HTML 42Page - STMicroelectronics L6751 Datasheet HTML 43Page - STMicroelectronics L6751 Datasheet HTML 44Page - STMicroelectronics L6751 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
L6751
Single NTC thermal monitor and compensation
Doc ID 023992 Rev 1
41/59
8
Single NTC thermal monitor and compensation
The L6751 features single NTC for thermal sensing for both thermal monitoring and
compensation. Thermal monitor consists in monitoring the converter temperature eventually
reporting alarm by asserting the VR_HOT signal. This is the base for the temperature
reporting. Thermal compensation consists in compensating the inductor DCR derating with
temperature, so preventing drifts in any variable correlated to the DCR: voltage positioning,
overcurrent (ILIM), IMON, current reporting. Both the functions share the same thermal
sensor (NTC) to optimize the overall application costs without compromising performance.
The thermal monitor is featured for both single-phase and multi-phase sections.
8.1
Thermal monitor and VR_HOT
The diagram for the thermal monitor is reported in Figure 11. NTC should be placed close to
the power stage hot-spot in order to sense the regulator temperature. As the temperature of
the power stage increases, the NTC resistive value decreases, therefore reducing the
voltage observable at the TM/STM pin.
Recommended NTC is NTHS0805N02N6801HE for accurate temperature sensing and
thermal compensation. Different NTC may be used: to reach the requested accuracy in
temperature reporting, the proper resistive network must be used in order to match the
resulting characteristic with the one coming from the recommended NTC.
The voltage observed at the TM/STM pin is internally converted and then used for the
temperature reporting. When the temperature observed on one of the two thermal sensors
exceeds TMAX (programmed via pinstrapping), the L6751 asserts VR_HOT (active low - as
long as the overtemperature event lasts).
Figure 11.
Thermal monitor connections
8.2
Thermal compensation
The L6751 supports DCR sensing for output voltage positioning: the same current
information used for voltage positioning is used to define the overcurrent protection and the
current reporting. Having imprecise and temperature-dependant information leads to
violation of the specification and misleading information: positive thermal coefficient specific
from DCR needs to be compensated to get stable behavior of the converter as temperature
VCC5
TM
VR_HOT
Temp. Zone
2k
AM14818v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com