Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751CTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6751CTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 48Page - STMicroelectronics L6751CTR Datasheet HTML 49Page - STMicroelectronics L6751CTR Datasheet HTML 50Page - STMicroelectronics L6751CTR Datasheet HTML 51Page - STMicroelectronics L6751CTR Datasheet HTML 52Page - STMicroelectronics L6751CTR Datasheet HTML 53Page - STMicroelectronics L6751CTR Datasheet HTML 54Page - STMicroelectronics L6751CTR Datasheet HTML 55Page - STMicroelectronics L6751CTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
PMBus support (preliminary)
L6751C
52/57
DocID025037 Rev 1
12.3
Input voltage monitoring (READ_VIN)
The dedicated PMBus command allows the user to monitor input voltage. By connecting the
VIN pin to the input voltage with the recommended resistor values, the L6751C returns the
value of the input voltage measured as a voltage (linear format, N = -4).
The divider needs to be programmed to have 1.24 V on the pin when VIN = 15.9375 V.
According to this, RUP = 118.5 k and RDOWN = 10 k.
Errors in defining the divider lead to monitoring errors accordingly.
Filter VIN pin locally to GND to increase stability of the voltage being measured.
12.4
Duty cycle monitoring (READ_DUTY)
The dedicated PMBus command allows the user to monitor duty cycle for multi-phase with
the aim of calculating input current inexpensively (no need for input current-sense resistors).
By connecting the PHASE pin to the phase1 PHASE pin, the L6751C returns the value of
the duty cycle as a percentage (linear format, N = -2).
The divider needs to be programmed to respect absolute maximum ratings for the pin
(7 Vmax). According to this, RUP = 5.6 k and RDOWN = 470 .
12.5
Output voltage monitoring (READ_VOUT)
The dedicated PMBus command allows the user to monitor output voltage for both sections.
The L6751C returns the value of the programmed VID in VID LSBs (i.e. number of LSBs.
C8h = 200 dec x 5 mV = 1.000 V).
12.6
Output current monitoring (READ_IOUT)
The dedicated PMBus command allows the user to monitor output current for both sections.
The L6751C returns the value of the delivered current by reading IMON voltage (same as
VR12 register 15h) in amperes (linear format, N = 0).
12.7
Temperature monitoring (READ_TEMPERATURE)
The dedicated PMBus command allows the user to monitor the temperature of the power
section for multi-phase. The L6751C returns the value of the temperature sensed by NTC
connected on the TM/STM pin (the same as VR12 temperature zone) in degrees Celsius
(linear format, N = 0).
12.8
Overvoltage threshold setting
The dedicated MFR_SPECIFIC command allows the user to program specific thresholds for
multi-phase and single-phase sections.
The threshold can be programmed according to Table 17. Different thresholds can be
configured for multi-phase and single-phase sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com