Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751CTR Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6751CTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 42Page - STMicroelectronics L6751CTR Datasheet HTML 43Page - STMicroelectronics L6751CTR Datasheet HTML 44Page - STMicroelectronics L6751CTR Datasheet HTML 45Page - STMicroelectronics L6751CTR Datasheet HTML 46Page - STMicroelectronics L6751CTR Datasheet HTML 47Page - STMicroelectronics L6751CTR Datasheet HTML 48Page - STMicroelectronics L6751CTR Datasheet HTML 49Page - STMicroelectronics L6751CTR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
System control loop compensation
L6751C
46/57
DocID025037 Rev 1
Figure 16. Control loop bode diagram and fine tuning
To obtain the desired shape, an RF - CF series network is considered for the ZF(s)
implementation. A zero at
F = 1/RFCF is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
F in correspondence with the L-
C resonance and assures a simple -20 dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results as being at
a frequency lower than the above reported zero.
The compensation network can be designed as follows:
Equation 22
Equation 23
11.1
Compensation network guidelines
The compensation network design assures a system response according to the crossover
frequency selected and to the output filter considered: it is however possible to further fine
tune the compensation network by modifying the bandwidth in order to get the best
response of the system as follows (see Figure 16):
–
Increase RF to increase the system bandwidth accordingly.
–
Decrease RF to decrease the system bandwidth accordingly.
–
Increase CF to move F to low frequencies, increasing as a consequence the
system phase margin.
Having the fastest compensation network does not guarantee that the load requirements
are satisfied: the inductor still limits the maximum dI/dt that the system can afford. In fact,
when a load transient is applied, the best that the controller can do is to “saturate” the duty
cycle to its maximum (dMAX) or minimum (0) value. The output voltage dV/dt is then limited
by the inductor charge/discharge time and by the output capacitance. In particular, the most
limiting transition corresponds to the load-removal since the inductor results as being
discharged only by VOUT (while it is charged by VIN - VOUT during a load appliance).
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ω F
ω
ESR
ω
T
RF[dB]
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ω F
ω
ESR
ω
T
RF[dB]
RF
CF
AM14822v1
RF
RFB VOSC
VIN
----------------------------------
10
9
------
FSW L
RLL ESR
+

----------------------------------

=
CF
CO L
RF
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com