Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP11L Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBP11L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP11L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBP11L Datasheet HTML 7Page - STMicroelectronics LNBP11L Datasheet HTML 8Page - STMicroelectronics LNBP11L Datasheet HTML 9Page - STMicroelectronics LNBP11L Datasheet HTML 10Page - STMicroelectronics LNBP11L Datasheet HTML 11Page - STMicroelectronics LNBP11L Datasheet HTML 12Page - STMicroelectronics LNBP11L Datasheet HTML 13Page - STMicroelectronics LNBP11L Datasheet HTML 14Page - STMicroelectronics LNBP11L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LNBP8L - LNBP9L - LNBP10L - LNBP11L
Detailed description and application hints
11/21
6.2
Single supply for the DFN package
If only one power supply source is available, the VCC1 and VCC2 pins can be powered by the
same power source without affecting the performance of other circuits, at the cost of higher
power losses in the device and higher heat sink surface. Also, in order to reduce the power
dissipation in the device, an appropriate-value resistor can be inserted in series with the
VCC1 line (see Figure 5). This resistor must be dimensioned considering that the minimum
voltage on the VCC1 pin must be >= 16 V (15 V if LLC is not used).
For example, with IOUT = 500 mA:
Where Vf is the forward voltage of the input diode D1 (see Figure 5).
Power dissipated in this resistor is:
It is recommended to bypass the VCC1 and VCC2 pins using 220 nF electrolytic capacitors.
6.3
IPPAK mounting and thermal considerations
First, it should be noted that the tab is directly connected to the GND pin, so care must be
taken when the device is connected to a heat-sink. If the heat sink is at a different voltage
than the ground, an electrical insulator must be added between the tab and the heat sink at
the cost of an increase in the thermal resistance. For better thermal performance, an
isolated heat sink or connection to ground is recommended.
12
Ω
≅
-
-
≤
10
x
500
16)
(23
-3
f
V
R
12
Ω
≅
-
-
≤
10
x
500
16)
(23
-3
f
V
R
()
I
OUT
R
P
D
3 W
10
*
500
*
12
*
2
3
2
=
=
=
-
()
I
OUT
R
P
D
3 W
10
*
500
*
12
*
2
3
2
=
=
=
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com