Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBP11L Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBP11L
Description  500 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP11L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBP11L Datasheet HTML 8Page - STMicroelectronics LNBP11L Datasheet HTML 9Page - STMicroelectronics LNBP11L Datasheet HTML 10Page - STMicroelectronics LNBP11L Datasheet HTML 11Page - STMicroelectronics LNBP11L Datasheet HTML 12Page - STMicroelectronics LNBP11L Datasheet HTML 13Page - STMicroelectronics LNBP11L Datasheet HTML 14Page - STMicroelectronics LNBP11L Datasheet HTML 15Page - STMicroelectronics LNBP11L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Detailed description and application hints
LNBP8L - LNBP9L - LNBP10L - LNBP11L
12/21
Several clips can be used depending on the heat sink type:
●
Saddle clips (Figure 7) for slim heat sinks
●
U-clips (Figure 8) for thick heat sinks
●
Dedicated clips for special shaped heat sinks
Note that the thickness of the IPPAK package (2.3 +/- 0.1 mm) is similar to that of the SOT-
32 and SOT-82 (2.55 +/- 0.15 mm). The same clips can also be used for these packages.
The junction-to-ambient thermal resistance for the IPPAK can be calculated as follows:
RTH-JA = RTH-JC + RTH-CH + RTH-HA
where: RTH-JC is the junction-to-case thermal resistance of the IPPAK (see Table 4: Thermal
data
), RTH-CH is the case-to-heat sink thermal resistance and the RTH-HA is the heat sink-to-
air thermal resistance.
Figure 7.
IPPAK mounted with a saddle clip.
Figure 8.
IPPAK mounted with a U-clip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com