Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6686TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 6Page - STMicroelectronics PM6686TR Datasheet HTML 7Page - STMicroelectronics PM6686TR Datasheet HTML 8Page - STMicroelectronics PM6686TR Datasheet HTML 9Page - STMicroelectronics PM6686TR Datasheet HTML 10Page - STMicroelectronics PM6686TR Datasheet HTML 11Page - STMicroelectronics PM6686TR Datasheet HTML 12Page - STMicroelectronics PM6686TR Datasheet HTML 13Page - STMicroelectronics PM6686TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Electrical data
PM6686
10/50
Doc ID 15281 Rev 4
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
Table 3.
Absolute maximum ratings
Parameter
Value
Unit
VIN to PGND
-0.3 to 38
V
PHASEx to PGND
-0.3 to 38
V
BOOTx to PHASEx
-0.3 to 6
V
PVCC to PGND
-0.3 to 6
V
HGATEx to PHASEx
-0.3 to BOOTx +0.3
V
LGATEx, CP_FB to PGND
-0.3 to PVCC +0.3
V
VCC, ENx, SKIP, PGx, LDO, REFIN2, OUTx, VREF3,
LDOREFIN, LDO_SW, TON to GND
-0.3 to 6
V
FB1, ILIMx to GND
-0.3 to VCC+0.3
V
EN_LDO to GND
-0.3 to 7
V
VREF2 to GND
-0.3 to VREF3+0.3
V
PGND to GND
-0.3 to +0.3
V
Power dissipation at TA = 25 °C
2
W
Maximum withstanding voltage range test condition: CDF-AEC-
Q100-002- “human body model” acceptance criteria: “normal
performance”
±1250
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
35
°C/W
TJ
Junction operating temperature range
-40 to 125
°C
TSTG
Storage temperature range
-50 to 150
°C
TA
Operating ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com