Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6686TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # PM6686TR
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PM6686TR Datasheet HTML 40Page - STMicroelectronics PM6686TR Datasheet HTML 41Page - STMicroelectronics PM6686TR Datasheet HTML 42Page - STMicroelectronics PM6686TR Datasheet HTML 43Page - STMicroelectronics PM6686TR Datasheet HTML 44Page - STMicroelectronics PM6686TR Datasheet HTML 45Page - STMicroelectronics PM6686TR Datasheet HTML 46Page - STMicroelectronics PM6686TR Datasheet HTML 47Page - STMicroelectronics PM6686TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Diode selection
PM6686
44/50
Doc ID 15281 Rev 4
Typical components values are: C1 = 1 µF and C2 = 1 µF.
11.3.3
VREF2 and VREF3 capacitors
A 10 nF to 100 nF ceramic capacitor on VREF2 pin must be added to ensure noise
rejection. If VREF3 voltage is not used the pin can be left floating, otherwise a 10 nF to 100
nF bypass ceramic capacitor should be mounted.
11.3.4
LDO output capacitors
Bypass the output of the linear regulator with 4,7 µF ceramic capacitor closer to the LDO
pin. In most applicative conditions the ceramic output capacitor can be enough to ensure
stability.
11.3.5
Bootstrap circuit
The external bootstrap circuit is represented in the next figure:
Figure 57.
Bootstrap circuit
The bootstrap circuit capacitor value CBOOT must provide the total gate charge to the high-
side MOSFET during turn on phase. A typical value is 100 nF.
A resistor RBOOT on the BOOT pin could be added in order to reduce noise when the
phase node rises up, working like a gate resistor for the turn on phase of the high-side
MOSFET. A typical value is RBOOT = 1 Ω.
RBOOT
PHASE
CBOOT
RBOOT
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com