Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560P44L3 Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 63Page - STMicroelectronics SPC560P44L3 Datasheet HTML 64Page - STMicroelectronics SPC560P44L3 Datasheet HTML 65Page - STMicroelectronics SPC560P44L3 Datasheet HTML 66Page - STMicroelectronics SPC560P44L3 Datasheet HTML 67Page - STMicroelectronics SPC560P44L3 Datasheet HTML 68Page - STMicroelectronics SPC560P44L3 Datasheet HTML 69Page - STMicroelectronics SPC560P44L3 Datasheet HTML 70Page - STMicroelectronics SPC560P44L3 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Electrical characteristics
Doc ID 14723 Rev 9
67/112
3.10.3
DC electrical characteristics (3.3 V)
Table 23 gives the DC electrical characteristics at 3.3 V (3.0 V < VDD_HV_IOx < 3.6 V,
NVUSRO[PAD3V5V] = 1); see Figure 14.
Table 22.
Supply current (5.0 V, NVUSRO[PAD3V5V] = 0)
Symbol
C
Parameter
Conditions
Value
Unit
Typ
Max
IDD_LV_CORx
T
RUN—Maximum mode(1)
VDD_LV_CORx
externally forced at 1.3 V
40 MHz
62
77
mA
64 MHz
71
88
RUN—Typical mode(2)
40 MHz
45
56
64 MHz
52
65
P
RUN—Maximum mode(3)
VDD_LV_CORx
externally forced at 1.3 V
64 MHz
60
75
HALT mode(4)
VDD_LV_CORx
externally forced at 1.3 V
—1.5
10
STOP mode(5)
VDD_LV_CORx
externally forced at 1.3 V
—1
10
IDD_FLASH
T
Flash during read
VDD_HV_FL at 5.0 V
—
10
12
Flash during erase operation on 1
flash module
VDD_HV_FL at 5.0 V
—
15
19
IDD_ADC
T
ADC—Maximum mode(1)
VDD_HV_ADC0 at 5.0 V
VDD_HV_ADC1 at 5.0 V
fADC = 16 MHz
ADC_1
3.5
5
ADC_0
3
4
ADC—Typical mode(2)
ADC_1
0.8
1
ADC_0
0.005 0.006
IDD_OSC
T
Oscillator
VDD_OSC at 5.0 V
8 MHz
2.6
3.2
1.
Maximum mode: FlexPWM, ADCs, CTU, DSPI, LINFlex, FlexCAN, 15 output pins, 1st and 2nd PLL enabled. I/O supply
current excluded.
2.
Typical mode configurations: DSPI, LINFlex, FlexCAN, 15 output pins, 1st PLL only. I/O supply current excluded.
3.
Code fetched from RAM, PLL_0: 64 MHz system clock (x4 multiplier with 16 MHz XTAL), PLL_1 is ON at
PHI_div2 = 120 MHz and PHI_div3 = 80 MHz, auxiliary clock sources set that all peripherals receive maximum frequency,
all peripherals enabled.
4.
Halt mode configurations: code fetched from RAM, code and data flash memories in low power mode, OSC/PLL_0/PLL_1
are OFF, core clock frozen, all peripherals are disabled.
5.
STOP “P” mode Device Under Test (DUT) configuration: code fetched from RAM, code and data flash memories OFF,
OSC/PLL_0/PLL_1 are OFF, core clock frozen, all peripherals are disabled.
Table 23.
DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)(1)
Symbol C
Parameter
Conditions
Value
Unit
Min
Max
VIL
D
Low level input voltage
—
–0.1(2)
—V
P—
—
0.35 VDD_HV_IOx
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com