| Electronic Components Datasheet Search |
|
SPC560P44L3 Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P44L3 Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 112 page ![]() Introduction SPC560P44Lx, SPC560P50Lx 26/112 Doc ID 14723 Rev 9 Digital part: ● 2 × 13 input channels including 4 channels shared between the 2 converters ● 4 analog watchdogs comparing ADC results against predefined levels (low, high, range) before results are stored in the appropriate ADC result location, ● 2 modes of operation: Normal mode or CTU control mode ● Normal mode features – Register-based interface with the CPU: control register, status register, 1 result register per channel – ADC state machine managing 3 request flows: regular command, hardware injected command, software injected command – Selectable priority between software and hardware injected commands – 4 analog watchdogs comparing ADC results against predefined levels (low, high, range) – DMA compatible interface ● CTU control mode features – Triggered mode only – 4 independent result queues (2 × 16 entries, 2 × 4 entries) – Result alignment circuitry (left justified; right justified) – 32-bit read mode allows to have channel ID on one of the 16-bit part – DMA compatible interfaces 1.5.28 Cross triggering unit (CTU) The cross triggering unit allows automatic generation of ADC conversion requests on user selected conditions without CPU load during the PWM period and with minimized CPU load for dynamic configuration. It implements the following features: ● Double buffered trigger generation unit with as many as eight independent triggers generated from external triggers ● Trigger generation unit configurable in sequential mode or in triggered mode ● Each Trigger can be appropriately delayed to compensate the delay of external low pass filter ● Double buffered global trigger unit allowing eTimer synchronization and/or ADC command generation ● Double buffered ADC command list pointers to minimize ADC-trigger unit update ● Double buffered ADC conversion command list with as many as 24 ADC commands ● Each trigger has the capability to generate consecutive commands ● ADC conversion command allows to control ADC channel from each ADC, single or synchronous sampling, independent result queue selection 1.5.29 Nexus development interface (NDI) The NDI (Nexus Development Interface) block provides real-time development support capabilities for the SPC560P44Lx, SPC560P50Lx Power Architecture based MCU in compliance with the IEEE-ISTO 5001-2003 standard. This development support is supplied for MCUs without requiring external address and data pins for internal visibility. The NDI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |