| Electronic Components Datasheet Search |
|
LQFP100 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 103 page ![]() Introduction SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3 24/103 Doc ID 16100 Rev 7 The FlexPWM block implements the following features: ● 16-bit resolution for center, edge-aligned, and asymmetrical PWMs ● Clock frequency same as that used for e200z0h core ● PWM outputs can operate as complementary pairs or independent channels ● Can accept signed numbers for PWM generation ● Independent control of both edges of each PWM output ● Synchronization to external hardware or other PWM supported ● Double buffered PWM registers – Integral reload rates from 1 to 16 – Half cycle reload capability ● Multiple ADC trigger events can be generated per PWM cycle via hardware ● Write protection for critical registers ● Fault inputs can be assigned to control multiple PWM outputs ● Programmable filters for fault inputs ● Independently programmable PWM output polarity ● Independent top and bottom deadtime insertion ● Each complementary pair can operate with its own PWM frequency and deadtime values ● Individual software-control for each PWM output ● All outputs can be programmed to change simultaneously via a “Force Out” event ● PWMX pin can optionally output a third PWM signal from each submodule ● Channels not used for PWM generation can be used for buffered output compare functions ● Channels not used for PWM generation can be used for input capture functions ● Enhanced dual-edge capture functionality ● eDMA support with automatic reload ● 2 fault inputs ● Capture capability for PWMA, PWMB, and PWMX channels not supported |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |