Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP100 Datasheet(PDF) 44 Page - STMicroelectronics

Part # LQFP100
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 40Page - STMicroelectronics LQFP100 Datasheet HTML 41Page - STMicroelectronics LQFP100 Datasheet HTML 42Page - STMicroelectronics LQFP100 Datasheet HTML 43Page - STMicroelectronics LQFP100 Datasheet HTML 44Page - STMicroelectronics LQFP100 Datasheet HTML 45Page - STMicroelectronics LQFP100 Datasheet HTML 46Page - STMicroelectronics LQFP100 Datasheet HTML 47Page - STMicroelectronics LQFP100 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
Package pinouts and signal descriptions
SPC560P34L1, SPC560P34L3, SPC560P40L1,
44/103
Doc ID 16100 Rev 7
E[4]
PCR[68]
ALT0
ALT1
ALT2
ALT3
—
GPIO[68]
—
—
—
AN[7]
SIUL
—
—
—
ADC_0
Input only
—
—
—
44
E[5]
PCR[69]
ALT0
ALT1
ALT2
ALT3
—
GPIO[69]
—
—
—
AN[8]
SIUL
—
—
—
ADC_0
Input only
—
—
—
43
E[6]
PCR[70]
ALT0
ALT1
ALT2
ALT3
—
GPIO[70]
—
—
—
AN[9]
SIUL
—
—
—
ADC_0
Input only
—
—
—
45
E[7]
PCR[71]
ALT0
ALT1
ALT2
ALT3
—
GPIO[71]
—
—
—
AN[10]
SIUL
—
—
—
ADC_0
Input only
—
—
—
41
1.
ALT0 is the primary (default) function for each port after reset.
2.
Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIU module. PCR.PA = 00
→ ALT0;
PCR.PA = 01
→ ALT1; PCR.PA = 10 → ALT2; PCR.PA = 11 → ALT3. This is intended to select the output functions; to
use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA
bitfields. For this reason, the value corresponding to an input only function is reported as “—”.
3.
Module included on the MCU.
4.
Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the
values of the PSMIO.PADSELx bitfields inside the SIUL module.
5.
Programmable via the SRC (Slew Rate Control) bits in the respective Pad Configuration Register.
6.
ADC0.AN emulates ADC1.AN. This feature is used to provide software compatibility between SPC560P34/SPC560P40
and SPC560P50. Refer to ADC chapter of reference manual for more details.
Table 7.
Pin muxing (continued)
Port
pin
PCR
register
Alternate
function(1),(2)
Functions
Peripheral(3)
I/O
direc-
tion(4)
Pad speed(5)
Pin
SRC = 0 SRC = 1 64-pin 100-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com