Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC570S40E1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC570S40E1
Description  Single issue 4-stage pipeline in-order execution core
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC570S40E1 Datasheet HTML 5Page - STMicroelectronics SPC570S40E1 Datasheet HTML 6Page - STMicroelectronics SPC570S40E1 Datasheet HTML 7Page - STMicroelectronics SPC570S40E1 Datasheet HTML 8Page - STMicroelectronics SPC570S40E1 Datasheet HTML 9Page - STMicroelectronics SPC570S40E1 Datasheet HTML 10Page - STMicroelectronics SPC570S40E1 Datasheet HTML 11Page - STMicroelectronics SPC570S40E1 Datasheet HTML 12Page - STMicroelectronics SPC570S40E1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
DocID024492 Rev 6
9/68
SPC570S40Ex, SPC570S50Ex
Introduction
67
1.3
Feature overview
On-chip modules within the SPC570Sx include the following features:
•
2 main CPUs, single-issue, 32-bit CPU core complexes (e200z0h), running in lockstep
–
Power Architecture embedded specification compliance
–
Instruction set enhancement allowing variable length encoding (VLE), encoding a
mix of 16-bit and 32-bit instructions, for code size footprint reduction
•
Up to 544 KB (512 KB code + 32 KB data, suitable for EEPROM emulation) on-chip
flash memory: supports read during program and erase operations, and multiple blocks
allowing EEPROM emulation
•
Up to 48 KB on-chip general-purpose SRAM
•
Multi-channel direct memory access controller (eDMA paired in lockstep)
–
16 channels per eDMA
•
Interrupt controller (INTC) with dedicated interrupt source channels, including software
interrupts and 32 priority levels
•
Dual phase-locked loops with stable clock domain for peripherals and frequency
modulation domain for computational shell
•
Crossbar switch architecture for concurrent access to peripherals, flash memory, or
SRAM from multiple bus masters with end-to-end ECC
•
System integration unit lite (SIUL2)
•
Boot Assist Flash (BAF) supports factory programming using serial bootload through
‘UART Serial Boot Mode Protocol’. Physical Interface (PHY) can be
–UART / LIN
–CAN
•
Enhanced analog-to-digital converter system
–
2 separate 12-bit SAR analog converters
–
1.5 µs conversion time (at 12 MHz)
–
16 physical channels
•
Temperature sensor
–
Range
−40 to +150 °C
–
Sensitivity approximately 5.14 mV/°C
•
STCU2
–
Support for Logic BIST and Memory BIST at power on
–ASIL D
•
3 deserial serial peripheral interface (DSPI) modules
•
2 LIN and UART communication interface (LINFlexD) modules
–
LINFlexD_0 (master/slave)
–
LINFlexD_1 (master)
•
Up to 2 FlexCAN modules
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with partial
support for 2010 standard
•
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1)
•
On-chip voltage regulator controller manages the supply voltage down to 1.2 V for core
logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com