Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72321XX Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST72321XX
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321XX Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST72321XX Datasheet HTML 72Page - STMicroelectronics ST72321XX Datasheet HTML 73Page - STMicroelectronics ST72321XX Datasheet HTML 74Page - STMicroelectronics ST72321XX Datasheet HTML 75Page - STMicroelectronics ST72321XX Datasheet HTML 76Page - STMicroelectronics ST72321XX Datasheet HTML 77Page - STMicroelectronics ST72321XX Datasheet HTML 78Page - STMicroelectronics ST72321XX Datasheet HTML 79Page - STMicroelectronics ST72321XX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 243 page
background image
I/O ports
ST72321xx-Auto
76/243
Doc ID 13829 Rev 1
Related documentation
SPI Communication between ST7 and EEPROM (AN 970)
S/W implementation of I2C bus master (AN1045)
Software LCD driver (AN1048)
0003h
PBDR
MSB
LSB
0004h
PBDDR
0005h
PBOR
0006h
PCDR
MSB
LSB
0007h
PCDDR
0008h
PCOR
0009h
PDDR
MSB
LSB
000Ah
PDDDR
000Bh
PDOR
000Ch
PEDR
MSB
LSB
000Dh
PEDDR
000Eh
PEOR
000Fh
PFDR
MSB
LSB
0010h
PFDDR
0011h
PFOR
Table 34.
I/O port register map and reset values (continued)
Address (Hex.)
Register label
76543210
Reset value of all I/O port registers
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com